Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6636IPZ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6636IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6636IPZ Datasheet(HTML) 3 Page - Texas Instruments

  MSP430F6636IPZ Datasheet HTML 1Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 2Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 3Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 4Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 5Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 6Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 7Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 8Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 133 page
background image
4 Functional Block Diagrams
Figure 4-1 shows the functional block diagram for the MSP430F6638, MSP430F6637, and MSP430F6636
devices.
Unified
Clock
System
MCLK
ACLK
SMCLK
I/O Ports
P1, P2
2×8 I/Os
Interrupt
Capability
PA
1×16 I/Os
CPUXV2
and
Working
Registers
EEM
(L: 8+2)
XIN XOUT
JTAG,
SBW
Interface
Port PJ
PA
PB
PC
PD
DMA
6 Channel
XT2IN
XT2OUT
Power
Management
LDO,
SVM, SVS,
Brownout
SYS
Watchdog
P2 Port
Mapping
Controller
I/O Ports
P3, P4
2×8 I/Os
Interrupt
Capability
PB
1×16 I/Os
I/O Ports
P5, P6
2×8 I/Os
PC
1×16 I/Os
I/O Ports
P7, P8
1×6 I/Os
1×8 I/Os
PD
1×14 I/Os
I/O Ports
P9
1×8 I/Os
PE
1×8 I/Os
MPY32
TA0
Timer_A
5 CC
Registers
TA1 and
TA2
2 Timer_A
each with
3 CC
Registers
TB0
Timer_B
7 CC
Registers
RTC_B
Battery
Backup
System
CRC16
USCI0,
USCI1
Ax: UART,
IrDA, SPI
Bx: SPI, I C
2
ADC12_A
12 bit
200 ksps
16 channels
(12 ext, 4 int)
Autoscan
DV
CC
DV
SS
AV
CC
AV
SS
P1.x
P2.x
P3.x
P4.x
P5.x
P6.x
P7.x
P8.x
P9.x
RST/NMI
REF
Reference
1.5 V, 2.0 V,
2.5 V
DAC12_A
12 bit
2 channels
voltage out
LCD_B
160
Segments
USB
Full-speed
Comp_B
PJ.x
16KB
RAM
+2KB RAM
USB Buffer
+8B Backup
RAM
256KB
192KB
128KB
Flash
Figure 4-1. Functional Block Diagram – MSP430F6638, MSP430F6637, MSP430F6636
Figure 4-2 shows the functional block diagram for the MSP430F6635, MSP430F6634, and MSP430F6633
devices.
Unified
Clock
System
256KB
192KB
128KB
Flash
16KB
RAM
+2KB RAM
USB Buffer
+8B Backup
RAM
MCLK
ACLK
SMCLK
I/O Ports
P1, P2
2×8 I/Os
Interrupt
Capability
PA
1×16 I/Os
CPUXV2
and
Working
Registers
EEM
(L: 8+2)
XIN XOUT
JTAG,
SBW
Interface
Port PJ
PA
PB
PC
PD
DMA
6 Channel
XT2IN
XT2OUT
Power
Management
LDO,
SVM, SVS,
Brownout
SYS
Watchdog
P2 Port
Mapping
Controller
I/O Ports
P3, P4
2×8 I/Os
Interrupt
Capability
PB
1×16 I/Os
I/O Ports
P5, P6
2×8 I/Os
PC
1×16 I/Os
I/O Ports
P7, P8
1×6 I/Os
1×8 I/Os
PD
1×14 I/Os
I/O Ports
P9
1×8 I/Os
PE
1×8 I/Os
MPY32
TA0
Timer_A
5 CC
Registers
TA1 and
TA2
2 Timer_A
each with
3 CC
Registers
TB0
Timer_B
7 CC
Registers
CRC16
USCI0,
USCI1
Ax: UART,
IrDA, SPI
Bx: SPI, I C
2
ADC12_A
12 bit
200 ksps
16 channels
(12 ext, 4 int)
Autoscan
DV
CC
DV
SS
AV
CC
AV
SS
P1.x
P2.x
P3.x
P4.x
P5.x
P6.x
P7.x
P8.x
P9.x
RST/NMI
REF
Reference
1.5 V, 2.0 V,
2.5 V
LCD_B
160
Segments
USB
Full-speed
Comp_B
PJ.x
RTC_B
Battery
Backup
System
Figure 4-2. Functional Block Diagram – MSP430F6635, MSP430F6634, MSP430F6633
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com