Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6636IPZ Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6636IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6636IPZ Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F6636IPZ Datasheet HTML 17Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 18Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 19Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 20Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 21Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 22Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 23Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 24Page - Texas Instruments MSP430F6636IPZ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
8.3 Recommended Operating Conditions (continued)
MIN
NOM
MAX UNIT
CDVCC/
CVCORE
Capacitor ratio of DVCC to VCORE
10
fSYSTEM
Processor frequency (maximum MCLK frequency)(3) (5)
(see Figure 8-1)
PMMCOREVx = 0,
1.8 V ≤ VCC ≤ 3.6 V
(default condition)
0
8.0
MHz
PMMCOREVx = 1,
2 V ≤ VCC ≤ 3.6 V
0
12.0
PMMCOREVx = 2,
2.2 V ≤ VCC ≤ 3.6 V
0
16.0
PMMCOREVx = 3,
2.4 V ≤ VCC ≤ 3.6 V
0
20.0
fSYSTEM_USB
Minimum processor frequency for USB operation
1.5
MHz
USB_wait
Wait state cycles during USB operation
16
cycles
(1)
TI recommends powering AVCC and DVCC from the same source. A maximum difference of 0.3 V between AVCC and DVCC can be
tolerated during power up and operation.
(2)
The minimum supply voltage is defined by the supervisor SVS levels when it is enabled. See the threshold parameters in Section 8.23
for the exact values and more details.
(3)
The MSP430 CPU is clocked directly with MCLK. Both the high and low phase of MCLK must not exceed the pulse duration of the
specified maximum frequency.
(4)
A capacitor tolerance of ±20% or better is required.
(5)
Modules may have a different maximum input clock specification. See the specification of the respective module in this data sheet.
(6)
USB operation with USB PLL enabled requires PMMCOREVx ≥ 2 for proper operation.
2.0
1.8
8
0
12
20
25
Supply Voltage - V
NOTE: The numbers within the fields denote the supported PMMCOREVx settings.
2.2
2.4
3.6
0, 1, 2, 3
0, 1, 2
0, 1
0
1, 2, 3
1, 2
1
2, 3
3
2
16
Figure 8-1. Frequency vs Supply Voltage
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com