Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6637IPZ Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6637IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6637IPZ Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430F6637IPZ Datasheet HTML 16Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 17Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 18Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 19Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 20Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 21Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 22Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 23Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 133 page
background image
8 Specifications
All graphs in this section are for typical conditions, unless otherwise noted.
Typical (TYP) values are specified at VCC = 3.3 V and TA = 25°C, unless otherwise noted.
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Voltage applied at VCC to VSS
–0.3
4.1
V
Voltage applied to any pin (excluding VCORE, VBUS, V18)(2)
–0.3
VCC + 0.3
V
Diode current at any device pin
±2
mA
Maximum junction temperature, TJ
95
°C
Storage temperature, Tstg (3)
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS. VCORE is for internal device use only. No external DC loading or voltage should be applied.
(3)
Higher temperature may be applied during board soldering according to the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
8.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as
±1000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as
±250 V may actually have higher performance.
8.3 Recommended Operating Conditions
MIN
NOM
MAX UNIT
VCC
Supply voltage during program execution and flash
programming (AVCC1 = DVCC1 = DVCC2 = DVCC3 =
DVCC = VCC)(1) (2)
PMMCOREVx = 0
1.8
3.6
V
PMMCOREVx = 0, 1
2.0
3.6
PMMCOREVx = 0, 1, 2
2.2
3.6
PMMCOREVx = 0, 1, 2, 3
2.4
3.6
VCC,USB
Supply voltage during USB operation, USB PLL disabled
(USB_EN = 1, UPLLEN = 0)
PMMCOREVx = 0
1.8
3.6
V
PMMCOREVx = 0, 1
2.0
3.6
PMMCOREVx = 0, 1, 2
2.2
3.6
PMMCOREVx = 0, 1, 2, 3
2.4
3.6
Supply voltage during USB operation, USB PLL enabled(6)
(USB_EN = 1, UPLLEN = 1)
PMMCOREVx = 2
2.2
3.6
PMMCOREVx = 2, 3
2.4
3.6
VSS
Supply voltage (AVSS1 = AVSS2 = AVSS3 = DVSS1 =
DVSS2 = DVSS3 = VSS)
0
V
VBAT,RTC
Backup-supply voltage with RTC operational
TA = 0°C to 85°C
1.55
3.6
V
TA = –40°C to +85°C
1.70
3.6
VBAT,MEM
Backup-supply voltage with backup memory retained
TA = –40°C to +85°C
1.20
3.6
V
TA
Operating free-air temperature
I version
–40
85
°C
TJ
Operating junction temperature
I version
–40
85
°C
CBAK
Capacitance at pin VBAK
1
4.7
10
nF
CVCORE
Capacitor at VCORE(4)
470
nF
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com