Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P516NH Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78P516NH Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
Contents
iv
••••
Product Specification (V1.0) 04.09.2015
6.2
Special Purpose Registers··················································································31
6.2.1
A (Accumulator)................................................................................................. 31
6.2.2
IOC50, P5CR (Port 5 I/O and Ports 7, 8 for LCD Segment Control Register) 31
6.2.3
IOC60, P6CR (Port 6 I/O Control Register) ...................................................... 32
6.2.4
IOC70, P7CR (Port 7 I/O Control Register) ...................................................... 32
6.2.5
IOC80, P8CR (Port 8 I/O Control Register) ...................................................... 32
6.2.6
IOC90, RAM_ADDR (128 Bytes RAM Address)............................................... 32
6.2.7
IOCA0, RAM_DB (128 Bytes RAM Data Buffer)............................................... 33
6.2.8
IOCB0, CNT1PR (Counter 1 Preset Register).................................................. 33
6.2.9
IOCC0, CNT2PR (Counter 2 Preset Register) ................................................. 33
6.2.10 IOCD0, HPWTPR (High-Pulse Width Timer Preset Register) .......................... 34
6.2.11 IOCE0, LPWTPR (Low-Pulse Width Timer Preset Register)............................ 34
6.2.12 IOCF0, IMR (Interrupt Mask Register) .............................................................. 34
6.2.13 IOC61, WUCR (Wake-up and Sink Current of P57/IROUT Control Register).. 35
6.2.14 IOC71, TCCCR (TCC Control Register) ........................................................... 35
6.2.15 IOC81, WDTCR (WDT Control Register).......................................................... 36
6.2.16 IOC91, CNT12CR (Counters 1, 2 Control Register)......................................... 37
6.2.17 IOCA1, HLPWTCR (High/Low Pulse Width Timer Control Register) .............. 38
6.2.18 IOCB1, P6PH (Port 6 Pull-high Control Register)............................................. 39
6.2.19 IOCC1, P6OD (Port 6 Open Drain Control Register)........................................ 39
6.2.20 IOCD1, P8PH (Port 8 Pull High Control Register) ............................................ 40
6.2.21 IOCE1, P6PL (Port 6 Pull Low Control Register).............................................. 40
6.3
TCC and WDT Prescaler ................................................................................ 40
6.4
I/O Ports ......................................................................................................... 43
6.5
Reset and Wake up ........................................................................................ 43
6.6
Oscillator......................................................................................................... 49
6.6.1
Oscillator Modes ............................................................................................... 49
6.6.2
Phase Lock Loop (PLL Mode)........................................................................... 49
6.6.3
Crystal Oscillator/Ceramic Resonators (Crystal) .............................................. 50
6.6.4
RC Oscillator Mode with Internal Capacitor ...................................................... 51
6.7
Power-on Considerations................................................................................ 51
6.7.1
External Power-on Reset Circuit....................................................................... 52
6.7.2
Residue-Voltage Protection .............................................................................. 52
6.8
Interrupt .......................................................................................................... 53
6.9
LCD Driver...................................................................................................... 55
6.9.1
R9/LCDCR (LCD Control Register) .................................................................. 55
6.9.2
RA/LCD_ADDR (LCD Address) ........................................................................ 56
6.9.3
RB/LCD_DB (LCD Data Buffer) ........................................................................ 56
6.9.4
RD/SBPCR (System, Booster and PLL Control Registers) .............................. 57
6.10 Infrared Remote Control Application/PWM Waveform Generation ................. 61
6.11 Analog-to-Digital Converter (ADC) .................................................................. 65
6.11.1 ADC Control Register ....................................................................................... 66
6.11.1.1 Bank 1 R8, ADSR1 (ADC Input Select Register 1) ............................ 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com