| Electronic Components Datasheet Search |
|
EM78P516NH Datasheet(PDF) 13 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P516NH Datasheet(HTML) 13 Page - ELAN Microelectronics Corp |
|
13 / 98 page ![]() EM78P516N 8-Bit Microcontroller Product Specification (V1.0) 04.09.2015 •••• 7 (This specification is subject to change without prior notice) Symbol Function Input Type Output Type Description P64 P64 ST CMOS Bidirectional I/O pin with programmable pull-high, pull-down and open-drain. All pins wake up from Sleep and Idle modes when the pin status changes. P65 P65 ST CMOS Bidirectional I/O pin with programmable pull-high, pull-down and open-drain. All pins wake up from Sleep and Idle modes when the pin status changes. P66 P66 ST CMOS Bidirectional I/O pin with programmable pull-high, pull-down and open-drain. All pins wake up from Sleep and Idle modes when the pin status changes. P67 P67 ST CMOS Bidirectional I/O pin with programmable pull-high, pull-down and open-drain. All pins wake up from Sleep and Idle modes when the pin status changes. COM3~0 COM3~0 − AN LCD common output pin SEG0~15 SEG0~15 − AN LCD segment output pin SEG16/P70 SEG16 − AN LCD segment output pin P70 ST CMOS Bidirectional I/O pin. All pins wake up from Sleep and Idle modes when the pin status changes. SEG17/P71 SEG17 − AN LCD segment output pin P71 ST CMOS Bidirectional I/O pin. All pins wake up from Sleep and Idle modes when the pin status changes. SEG18/P72 SEG18 − AN LCD segment output pin P73 ST CMOS Bidirectional I/O pin. All pins wake up from Sleep and Idle modes when the pin status changes. SEG19/P73 SEG19 − AN LCD segment output pin P73 ST CMOS Bidirectional I/O pin. All pins wake up from Sleep and Idle modes when the pin status changes. SEG20/P74 SEG20 − AN LCD segment output pin P74 ST CMOS Bidirectional I/O pin. All pins wake up from Sleep and Idle modes when the pin status changes. SEG21/P75 SEG21 − AN LCD segment output pin P75 ST CMOS Bidirectional I/O pin. All pins wake up from Sleep and Idle modes when the pin status changes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |