Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V76 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6V76
Description  170 關A, 2 MHz Zero-Drift Op Amps
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V76 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6V76 Datasheet HTML 10Page - Microchip Technology MCP6V76 Datasheet HTML 11Page - Microchip Technology MCP6V76 Datasheet HTML 12Page - Microchip Technology MCP6V76 Datasheet HTML 13Page - Microchip Technology MCP6V76 Datasheet HTML 14Page - Microchip Technology MCP6V76 Datasheet HTML 15Page - Microchip Technology MCP6V76 Datasheet HTML 16Page - Microchip Technology MCP6V76 Datasheet HTML 17Page - Microchip Technology MCP6V76 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
MCP6V76/6U/7/9
DS20006323B-page 14
 2020 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +2V to 5.5V, VSS =GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL and CL = 30 pF.
2.5
Time Response
FIGURE 2-40:
Input Offset Voltage vs.
Time at Power-Up.
FIGURE 2-41:
The MCP6V76/6U/7/9
Family Shows No Input Phase Reversal with
Overdrive.
FIGURE 2-42:
Noninverting Small Signal
Step Response.
FIGURE 2-43:
Noninverting Large Signal
Step Response.
FIGURE 2-44:
Inverting Small Signal Step
Response.
FIGURE 2-45:
Inverting Large Signal Step
Response.
-1
0
1
2
3
4
5
6
-5
0
5
10
15
20
25
30
0123456789
10
Time (ms)
V
DD = 5.5V
G = +1 V/V
POR Trip Point
V
DD
V
OS
-1
0
1
2
3
4
5
6
Time (5 µs/div)
V
DD = 5.5 V
G = +1 V/V
V
OUT
V
IN
00.5
11.5
22.5
33.5
44.5
5
Time (µs)
V
DD = 5.5V
G = +1 V/V
0
1
2
3
4
5
6
0
2.5
5
7.5
10
12.5
15
17.5
20
Time (µs)
V
DD = 5.5 V
G = +1 V/V
00.5
11.5
22.5
33.5
44.5
5
Time (µs)
V
DD = 5.5 V
G = -1 V/V
0
1
2
3
4
5
6
0
2.5
5
7.5
10
12.5
15
17.5
20
Time (µs/div)
V
DD = 5.5 V
G = -1 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com