Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF69 Datasheet(PDF) 8 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 8 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 4Page - PADAUK Technology. DF69 Datasheet HTML 5Page - PADAUK Technology. DF69 Datasheet HTML 6Page - PADAUK Technology. DF69 Datasheet HTML 7Page - PADAUK Technology. DF69 Datasheet HTML 8Page - PADAUK Technology. DF69 Datasheet HTML 9Page - PADAUK Technology. DF69 Datasheet HTML 10Page - PADAUK Technology. DF69 Datasheet HTML 11Page - PADAUK Technology. DF69 Datasheet HTML 12Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
DF69
DC Fan Controller
1. Features
1-1. High Performance RISC CPU Array
 Patented Field Programmable Processor Array (FPPA™) Technology
 Operating modes: 8 processing units FPPA
TM mode
 4Kx16 bits OTP user program memory for 8 FPP units
 208 Bytes data RAM for all FPP units
 106 powerful instructions
 All instructions are 1T except indirect memory access, including branch instructions
 Programmable stack pointer to provide adjustable stack level
 Direct and indirect addressing modes for data and instructions
 All data memories are available for use as an index pointer
 Support security function to protect OTP data
 Separated IO and memory space to reduce firmware overhead in space exchange
1-2. System Functions
 Clock sources : internal high RC oscillator (IHRC), internal low RC oscillator (ILRC) and crystal oscillator
 Internal High RC Oscillator (IHRC) frequency
 Band-gap circuit to provide 1.20V reference voltage
 One hardware 16-bit timer
 One hardware 8-bit timer
 Up to 11-channel 10-bit resolution ADC with 1-channel for internal band-gap reference voltage
 One 10-bit hardware PWM generator
 PWM protection mechanism
 One 1T hardware multiplier
 One Hall comparator
 One general purpose comparator
 16 IO pins with 10 mA capability and optional pull-high resistor
 Three levels of VDD voltage detection: 4.0V, 3.0V, 2.0V.
 Eight levels of LVD reset ~ 4.1V, 3.6V, 3.1V, 2.8V, 2.5V, 2.2V, 2.0V, 1.8V
 Selectable four external interrupt pins: PA0 or PA7, PB0 or PB7
 Support fast wake-up
 Every IO pin can be configured to enable wake-up function
 Operating voltage range: 2.2V ~ 5.5V
 Operating temperature range: -40°C ~ 85°C for normal condition, -40°C ~ 105°C for special condition*
 Operating frequency range:
DC ~ 8MHz@VDD≧3.3V; DC ~ 4MHz@VDD≧2.5V; DC ~ 2MHz@VDD≧2.2V
 Low power consumption
Ioperating ~ 1.7mA@1MIPS, VDD=5.0V;
Ioperating ~ 10uA@ ILRC~12KHz, VDD=3.3V
Ipower down ~ 1uA@VDD=5.0V;
Ipower down~ 0.5uA@VDD=3.3V
 10-pin MSOP10 package
*Please see the item 4.1 for special condition.
©Copyright 2018, PADAUK Technology Co. Ltd
Page 8 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com