Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26VF064BEUI Datasheet(PDF) 35 Page - Microchip Technology

Part # SST26VF064BEUI
Description  64 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48??and EUI-64??Identifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064BEUI Datasheet(HTML) 35 Page - Microchip Technology

Back Button SST26VF064BEUI Datasheet HTML 31Page - Microchip Technology SST26VF064BEUI Datasheet HTML 32Page - Microchip Technology SST26VF064BEUI Datasheet HTML 33Page - Microchip Technology SST26VF064BEUI Datasheet HTML 34Page - Microchip Technology SST26VF064BEUI Datasheet HTML 35Page - Microchip Technology SST26VF064BEUI Datasheet HTML 36Page - Microchip Technology SST26VF064BEUI Datasheet HTML 37Page - Microchip Technology SST26VF064BEUI Datasheet HTML 38Page - Microchip Technology SST26VF064BEUI Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
 2015-2018 Microchip Technology Inc.
DS20006138A-page 35
SST26VF064BEUI
5.33
Read Block-Protection Register
(RBPR)
The Read Block-Protection Register instruction outputs
the Block-Protection register data which determines
the protection status. To execute a Read Block-Protec-
tion Register operation, the host drives CE# low, and
then sends the Read Block-Protection Register com-
mand cycle (72H). A dummy cycle is required in SQI
mode.
After the command cycle, the device outputs data on
the falling edge of the SCK signal starting with the most
significant bit(s), see Table 5-6 for definitions of each bit
in the Block-Protection register. The RBPR command
does not wrap around. After all data has been output,
the device will output 0H until terminated by a low-to-
high transition on CE#. Figures 5-36 and 5-37.
FIGURE 5-36:
READ BLOCK-PROTECTION REGISTER SEQUENCE (SQI)
FIGURE 5-37:
READ BLOCK-PROTECTION REGISTER SEQUENCE (SPI)
25119 F34.2
MODE 3
0
SCK
SIO[3:0]
CE#
C1 C0
2
H0 L0
MSN LSN
4
H1 L1
6
H2 L2
8
H3 L3
10
H4 L4
12
HN LN
BPR [m:m-7]
BPR [7:0]
XX
Note: MSN = Most Significant Nibble, LSN = Least Significant Nibble
Block-Protection Register (BPR), m = 143 for SST26VF064BEUI, C[1:0]=72H
CE#
SIO0
SCK
012345678
32 33
24
MODE 3
MODE 0
15 16
23
72H
25119 F48.0
SIO
OP Code
Data Byte 0
Data Byte 1
Data Byte 2
Data Byte N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com