Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26VF064BEUI Datasheet(PDF) 77 Page - Microchip Technology

Part # SST26VF064BEUI
Description  64 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48??and EUI-64??Identifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064BEUI Datasheet(HTML) 77 Page - Microchip Technology

Back Button SST26VF064BEUI Datasheet HTML 73Page - Microchip Technology SST26VF064BEUI Datasheet HTML 74Page - Microchip Technology SST26VF064BEUI Datasheet HTML 75Page - Microchip Technology SST26VF064BEUI Datasheet HTML 76Page - Microchip Technology SST26VF064BEUI Datasheet HTML 77Page - Microchip Technology SST26VF064BEUI Datasheet HTML 78Page - Microchip Technology SST26VF064BEUI Datasheet HTML 79Page - Microchip Technology SST26VF064BEUI Datasheet HTML 80Page - Microchip Technology SST26VF064BEUI Datasheet HTML 81Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
 2015-2018 Microchip Technology Inc.
DS20006138A-page 77
SST26VF064BEUI
12.2
Pre-Programmed EUI-48 and EUI-
64 Address
The SST26VF064BEUI is programmed at the factory
with a globally unique address stored in the SFDP ven-
dor parameter table and it is permanently write-
protected.
12.2.1
EUI-48 ADDRESS
The
6
byte
EUI-48
address
value
of
the
SST26VF064BEUI is stored in the SFDP table at
address locations 0x261 through 0x266, as shown in
Figure 12-1. The first three bytes are the Organization-
ally Unique Identifier (OUI) assigned to Microchip by
the IEEE® Registration Authority. The remaining three
bytes are the Extension Identifier and are generated by
Microchip to ensure a globally unique, 48-bit value.
12.2.2
ORGANIZATIONALLY UNIQUE
IDENTIFIERS (OUIS)
Each OUI provides roughly 16M (224) addresses. Once
the address pool for an OUI is exhausted, Microchip
will acquire a new OUI from IEEE to use for program-
ming this model. For more information on past and
current OUIs, see “Organizationally Unique Identifiers
for Preprogrammed EUI-48 and EUI-64 Address
Devices” Technical Brief, (DS90003187).
12.2.3
EUI-64 SUPPORT USING THE EUI-
48
The
pre-programmed
EUI-48
address
of
the
SST26VF064BEUI can easily be encapsulated at the
application level to form a globally unique, 64-bit
address for systems utilizing the EUI-64 standard. This
is done by adding 0xFFFE between the OUI and the
Extension Identifier, as shown below in Figure 12-1.
Corresponding EUI-48™ Address: 00-04-A3-12-34-56
Corresponding EUI-64™ Address after Encapsulation: 00-04-A3-FF-FE 12-34-56
Note:
The OUI will change as addresses are
exhausted. Customers are not guaran-
teed to receive a specific OUI and should
design their application to accept new
OUIs as they are introduced.
Note:
As an alternative, SST26VF064BEUI
features an EUI-64 address that can be
used in EUI-64 applications directly with-
out the need for encapsulation, thereby
simplifying
system
software.
See
Section 12.2.4,
EUI-64 Address
for
details.
FIGURE 12-1:
EUI-48™ ADDRESS PHYSICAL MEMORY MAP EXAMPLE
Octet
012345
Description
24-bit Organizationally Unique
Identifier
24-bit Extension Identifier
Data
00h
04h
A3h
12h
34h
56h
SFDP Address
266h
261h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com