Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC555IP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555IP
Description  TLC555 LinCMOS??Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555IP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC555IP Datasheet HTML 14Page - Texas Instruments TLC555IP Datasheet HTML 15Page - Texas Instruments TLC555IP Datasheet HTML 16Page - Texas Instruments TLC555IP Datasheet HTML 17Page - Texas Instruments TLC555IP Datasheet HTML 18Page - Texas Instruments TLC555IP Datasheet HTML 19Page - Texas Instruments TLC555IP Datasheet HTML 20Page - Texas Instruments TLC555IP Datasheet HTML 21Page - Texas Instruments TLC555IP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Time − 0.1 ms/div
Capacitor Voltage
Output Voltage
Input Voltage
Capacitance (nF)
0.1 0.2 0.5 1
2 3 5 710 20
50 100
1000
10000
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
2000
D012
1k:
10k:
100k:
1M:
10M:
18
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 15. Free-Running Frequency vs Timing Capacitance
Resistance = RA + 2 × RB
7.3.3 Frequency Divider
By adjusting the length of the timing cycle, the basic circuit of Figure 9 can be made to operate as a frequency
divider. Figure 16 shows a divide-by-three circuit that makes use of the fact that re-triggering cannot occur during
the timing cycle.
VCC = 5 V
RA = 1250 Ω
C = 0.02 µF
See Figure 9
Figure 16. Divide-by-Three Circuit Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com