Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC555IP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555IP
Description  TLC555 LinCMOS??Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555IP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC555IP Datasheet HTML 21Page - Texas Instruments TLC555IP Datasheet HTML 22Page - Texas Instruments TLC555IP Datasheet HTML 23Page - Texas Instruments TLC555IP Datasheet HTML 24Page - Texas Instruments TLC555IP Datasheet HTML 25Page - Texas Instruments TLC555IP Datasheet HTML 26Page - Texas Instruments TLC555IP Datasheet HTML 27Page - Texas Instruments TLC555IP Datasheet HTML 28Page - Texas Instruments TLC555IP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
50V
0.1uF
C12
50V
0.1uF
C4
100k
R6
D4
BAT54WSTR
10.0k
R7
10.0k
R8
TP2
Trig
J1
Vcc
J2
GND
1
TRIG
3
RESET
5
THRES
DISCH
VDD
TLC555CP
U1
100V
0.01uF
C8
50V
1000pF
C6
10.0k
R5
D6
BAT54WSTR
10.0
R4
TP3
Output
100k
R1
D1
BAT54WSTR
10.0k
R3
2.20k
R2
TP1
Reset
D3
SMBJ15A-13-F
10.0
R9
50V
1000pF
C5
50V
1000pF
C7
50V
1000pF
C9
50V
10uF
C11
50V
1000pF
C3
50V
1000pF
C10
50V
1000pF
C1
D2
BAT54WSTR
D5
BAT54WSTR
D7
BAT54WSTR
t − Time − 1 s/div
Output A
Output B
Output C
t = 0
twC = 1.1 RCCC
twC
twB = 1.1 RBCB
twA = 1.1 RACA
twA
twB
25
TLC555
www.ti.com
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.4.3 Application Curve
See Figure 25
Figure 26. Sequential Timer Waveforms
8.2.5 Designing for Improved ESD Performance
The TLC555 internal HBM and CDM protection allows for safe assembly in ESD controlled environments. In
applications that may expose pins of the TLC555 to ESD, additional protection is highly recommended. The test
board schematic below has bypass capacitors, current-limiting resistors, and voltage clamping TVS diodes to
provide additional protection for commonly exposed pins [Reset, Trig, and Output] against ESD.
Figure 27. ESD Test Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com