Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMOD4510AI1R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZMOD4510AI1R
Description  Gas Sensor Module for Outdoor Air Quality
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI1R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZMOD4510AI1R Datasheet HTML 6Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 7Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 10Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 11Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 12Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 13Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ZMOD4510 Datasheet
© 2020 Renesas Electronics Corporation
10
February 7, 2020
9. Assembly Restrictions, Operation, Integration Notes, and Storage
When implementing the ZMOD4510 in electrical circuit boards, a gas sensor module may react to chemicals during the assembly process and
to outgassing components, such as resins from the printed circuit board (PCB) assembly. A standard soldering profile can be used to assemble
the ZMOD4510 on the user’s PCB and should fulfill the IPC/JEDEC J-STD-020C Standard (“Moisture/Reflow Sensitivity Classification for Non-
hermetic Solid State Surface Mount Devices”). A typical lead-free reflow solder profile is shown in Figure 3. After assembly, an outgassing of
the PCB and electronic components must be considered, especially when operating the sensor module at elevated temperatures. This will
ultimately influence the sensor signal and accuracy of the Air Quality Index (AQI). A PCB heat treatment before assembling the ZMOD4510 is
recommended. After the gas sensor module assembly, no coating, cleaning, or ultrasonic bath should be applied to the PCB.
Store the sensor in an antistatic metallic bag with a low VOC background after the sensor module is removed from its original packaging or the
assembled PCB is populated. The optimal storage conditions are <1 ppm TVOC, <100 ppb O3, <100 ppb NO2, 10°C to 50°C, and humidity
levels within 20% to 80%RH. If the sensor is stored outside of these conditions for extended periods of time, the sensor readings can exhibit a
temporary offset. The sensor can be reconditioned and brought back to its calibration state by operation for 24 hours to 48 hours in clean air.
To operate the ZMOD4510, the software and libraries provided by Renesas can be used. For implementing the sensor module in a customer-
specific application, detailed information on the programming is available. The ZMOD4510 Programming Manual - Read Me explains
documentation, libraries for supported controllers and compilers, code examples in C, and the minimum requirements for the host MCU for an
easy integration (see section 12).
Figure 3. Typical Solder Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com