Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMOD4510AI1R Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZMOD4510AI1R
Description  Gas Sensor Module for Outdoor Air Quality
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI1R Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZMOD4510AI1R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 10Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 11Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 12Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 13Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 14Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 15Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 16Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
© Integrated Device Technology, Inc.
12-LGA, Package Outline Drawing
3.0 x 3.0 x 0.7 mm Body, 0.5 x 1.0 mm Pitch
LGG12D1, PSC-4685-01, Rev 02, Page 2
Package Revision History
Rev 01.
Sept 12, 2019
Add Dimension on Gal Inlet Hole
Dec 17, 2019
Rev 02
Add Location Dimension Gal Inlet
Rev No.
Date Created
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com