Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6500 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FS6500
Description  Safety Power System Basis Chip with CAN FD and LIN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 4Page - NXP Semiconductors FS6500 Datasheet HTML 5Page - NXP Semiconductors FS6500 Datasheet HTML 6Page - NXP Semiconductors FS6500 Datasheet HTML 7Page - NXP Semiconductors FS6500 Datasheet HTML 8Page - NXP Semiconductors FS6500 Datasheet HTML 9Page - NXP Semiconductors FS6500 Datasheet HTML 10Page - NXP Semiconductors FS6500 Datasheet HTML 11Page - NXP Semiconductors FS6500 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NXP Semiconductors
FS6500, FS4500
Safety Power System Basis Chip with CAN FD and LIN Transceivers
FS6500-FS4500SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: advance information
Rev. 1.0 — 14 December 2017
8 / 20
Pin
Symbol
Type
Definition
2
VSUP2
A_IN
Second power supply. Protected by the external reverse battery protection diode used
for VSUP1. VSUP1 and VSUP2 must be connected together externally.
3
VSENSE
A_IN
Sensing of the battery voltage. Must be connected prior to the reverse battery
protection diode.
4
VSUP3
A_IN
Third power supply dedicated to the device supply. Protected by the external reverse
battery protection diode used for VSUP1. Must be connected between the reverse
protection diode and the input PI filter.
LIN
A_IN/OUT
LIN single-wire bus transmitter and receiver
or FS1B
D_OUT
Second output of the safety block (active low). The pin is asserted low at start-up and
when a fault condition is detected, with a configurable delay or duration versus FS0B
output terminal. Open drain structure.
5
LIN and FS1B functions are exclusive. The differentiation is made by part numbers. When LIN is available, FS1B is not,
and vice versa. If neither LIN, nor FS1B functions are used, this pin must be left open.
6
GND_COM
GROUND
Dedicated ground for physical layers
7
CAN_5V
A_OUT
Output voltage for the embedded CAN FD interface
8
CANH
A_IN/OUT
CAN output high. If CAN function is not used, this pin must be left open.
9
CANL
A_IN/OUT
CAN output low. If CAN function is not used, this pin must be left open.
10
IO_4
D_IN
A_OUT
Can be used as digital input (load dump proof) with wake-up capability or as an output
gate driver
Digital input: Pin status can be read through the SPI. Can be used to monitor error
signals from another IC for safety purposes (when used in conjunction with IO_5).
Wake-up capability: Can be selectable to wake-up on edges or levels
Output gate driver: Can drive a logic level low-side NMOS transistor. Controlled by
the SPI.
IO_5/VKAM
A_IN
D_IN
A_OUT
Can be used as digital input with wake-up capability or as an analog output providing
keep alive memory supply in low-power mode.
Analog input: Pin status can be read through the MUX output terminal
Digital input: Pin status can be read through the SPI. Can be used to monitor error
signals from another IC for safety purposes (when used in conjunction with IO_4).
Wake-up capability: Can be selectable to wake-up on edges or levels
Supply output: Provide keep alive memory supply in low-power mode
11
VKAM can be enabled or disabled by default at power up. The differentiation is made by part numbers.
12
IO_0
A_IN
D_IN
Can be used as analog or digital input (load dump proof) with wake-up capability
(selectable)
Analog input: Pin status can be read through the MUX output terminal
Digital input: Pin status can be read through the SPI
Wake-up capability: Can be selectable to wake-up on edges or levels
13
FCRBM
A_IN
Feedback core resistor bridge monitoring: For safety purposes, this pin is used to
monitor the middle point of a redundant resistor bridge connected on VCORE (in parallel
to the one used to set the VCORE voltage). If not used, this pin must be connected
directly to FB_CORE.
14
FS0B
D_OUT
First output of the safety block (active low). The pin is asserted low at start-up and
when a fault condition is detected. Open drain structure.
15
DEBUG
D_IN
Debug mode entry input
16
AGND
GROUND
Analog ground connection
17
MUX_OUT
A_OUT
Multiplexed output to be connected to a MCU ADC. Selection of the analog parameter
is available at MUX-OUT through the SPI.
18
19
IO_2:3
D_IN
Digital input pin with wake-up capability (logic level compatible)
Digital input: Pin status can be read through the SPI. Can be used to monitor FCCU
error signals from MCU for safety purposes.
Wake-up capability: Can be selectable to wake-up on edges or levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com