Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6500 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FS6500
Description  Safety Power System Basis Chip with CAN FD and LIN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 6Page - NXP Semiconductors FS6500 Datasheet HTML 7Page - NXP Semiconductors FS6500 Datasheet HTML 8Page - NXP Semiconductors FS6500 Datasheet HTML 9Page - NXP Semiconductors FS6500 Datasheet HTML 10Page - NXP Semiconductors FS6500 Datasheet HTML 11Page - NXP Semiconductors FS6500 Datasheet HTML 12Page - NXP Semiconductors FS6500 Datasheet HTML 13Page - NXP Semiconductors FS6500 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NXP Semiconductors
FS6500, FS4500
Safety Power System Basis Chip with CAN FD and LIN Transceivers
FS6500-FS4500SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: advance information
Rev. 1.0 — 14 December 2017
10 / 20
8 Maximum ratings
Table 4.  Maximum ratings
All voltages are with respect to ground, unless otherwise specified. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Symbol
Ratings
Value
Unit
Notes
Electrical ratings
VSUP1/2/3
DC voltage at power supply pins
–1.0 to 40
V
[1]
VSENSE
DC voltage at battery sense pin (with ext R in series mandatory)
–14 to 40
V
VSW1,2
DC voltage at SW_PRE1 and SW_PRE2 pins
–1.0 to 40
V
VPRE
DC voltage at VPRE pin
–0.3 to 8
V
VGATE_LS
DC voltage at Gate_LS pin
–0.3 to 8
V
VBOOT_PRE
DC voltage at BOOT_PRE pin
–1.0 to 50
V
VSW_CORE
DC voltage at SW_CORE pin
–1.0 to 8
V
VCORE_SNS
DC voltage at VCORE_SNS pin
0.0 to 8
V
VBOOT_CORE
DC voltage at BOOT_CORE pin
0.0 to 15
V
VFB_CORE
DC voltage at FB_CORE pin
–0.3 to 2.5
V
VCOMP_CORE
DC voltage at COMP_CORE pin
–0.3 to 2.5
V
VFCRBM
DC voltage at FCRBM pin
–0.3 to 8
V
VAUX_B,E
DC voltage at VAUX_B, VAUX_E pins
–0.3 to 40
V
VAUX
DC voltage at VAUX pin
–2.0 to 40
V
VCCA_B,E
DC voltage at VCCA_B, VCCA_E pins
–0.3 to 8
V
VCCA
DC voltage at VCCA pin
–0.3 to 8
V
VDDIO
DC voltage at VDDIO pin
–0.3 to 8
V
VCAN_5V
DC voltage on CAN_5V pin
–0.3 to 8
V
VPU_FS
DC voltage at VPU_FS pin
–0.3 to 8
V
VFSxB
DC voltage at FS0B, FS1B pins (with ext R in series mandatory)
–0.3 to 40
V
VDEBUG
DC voltage at DEBUG pin
–0.3 to 40
V
VIO_0,4
DC voltage at IO_0, IO_4 pins (with ext R in series mandatory)
–0.3 to 40
V
VIO_5
DC voltage at IO_5 pin
–0.3 to 20
V
VKAM
DC voltage at VKAM pin
–0.3 to 8
V
VDIG
DC voltage at INTB, RSTB, MISO, MOSI, NCS, SCLK, MUX_OUT, RXD,
TXD, IO_2, IO_3 pins
–0.3 to 8
V
VSELECT
DC voltage at SELECT pin
–0.3 to 8
V
VBUS_CAN
DC voltage on CANL, CANH pins
–27 to 40
V
VBUS_LIN
DC voltage on LIN pin
–18 to 40
V
I_ISENSE
VSENSE maximum current capability
–5.0 to 5.0
mA
I_IO0, 4, 5
IOs maximum current capability (IO_0, IO_4, IO_5)
–5.0 to 5.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com