Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS6521 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MPS6521
Description  Amplifier Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6521 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MPS6521 Datasheet HTML 2Page - ON Semiconductor MPS6521 Datasheet HTML 3Page - ON Semiconductor MPS6521 Datasheet HTML 4Page - ON Semiconductor MPS6521 Datasheet HTML 5Page - ON Semiconductor MPS6521 Datasheet HTML 6Page - ON Semiconductor MPS6521 Datasheet HTML 7Page - ON Semiconductor MPS6521 Datasheet HTML 8Page - ON Semiconductor MPS6521 Datasheet HTML 9Page - ON Semiconductor MPS6521 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NPN MPS6521 PNP MPS6523
6
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NPN
MPS6521
TYPICAL DYNAMIC CHARACTERISTICS
Figure 13. Turn–On Time
IC, COLLECTOR CURRENT (mA)
300
Figure 14. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
2.0
5.0
10
20
30
50
1000
Figure 15. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
Figure 16. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 17. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 18. Output Admittance
IC, COLLECTOR CURRENT (mA)
3.0
1.0
500
0.5
10
3.0
5.0
7.0
10
20
30
50
70
100
200
7.0
70
100
VCC = 3.0 V
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 0.5 Vdc
tr
10
20
30
50
70
100
200
300
500
700
2.0
5.0
10
20
30
50
3.0
1.0
7.0
70 100
VCC = 3.0 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
50
70
100
200
300
0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
TJ = 25°C
f = 100 MHz
VCE = 20 V
5.0 V
1.0
2.0
3.0
5.0
7.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
0.05
TJ = 25°C
f = 1.0 MHz
Cib
Cob
2.0
5.0
10
20
50
1.0
0.2
100
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
0.1
0.2
0.5
hfe ≈ 200 @ IC = 1.0 mA
VCE = 10 Vdc
f = 1.0 kHz
TA = 25°C
2.0
5.0
10
20
50
1.0
2.0
100
3.0
5.0
7.0
10
20
30
50
70
100
200
0.1
0.2
0.5
VCE = 10 Vdc
f = 1.0 kHz
TA = 25°C
hfe ≈ 200 @ IC = 1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com