Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS6521 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MPS6521
Description  Amplifier Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6521 Datasheet(HTML) 5 Page - ON Semiconductor

  MPS6521 Datasheet HTML 1Page - ON Semiconductor MPS6521 Datasheet HTML 2Page - ON Semiconductor MPS6521 Datasheet HTML 3Page - ON Semiconductor MPS6521 Datasheet HTML 4Page - ON Semiconductor MPS6521 Datasheet HTML 5Page - ON Semiconductor MPS6521 Datasheet HTML 6Page - ON Semiconductor MPS6521 Datasheet HTML 7Page - ON Semiconductor MPS6521 Datasheet HTML 8Page - ON Semiconductor MPS6521 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NPN MPS6521 PNP MPS6523
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NPN
MPS6521
TYPICAL STATIC CHARACTERISTICS
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
400
0.004
TJ = 125°C
–55
°C
25
°C
VCE = 1.0 V
VCE = 10 V
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (mA)
1.4
Figure 10. Collector Characteristics
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
1.6
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
*
qVC for VCE(sat)
qVB for VBE
0.1
0.2
0.5
Figure 11. “On” Voltages
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
0.002
TJ = 25°C
IC = 1.0 mA
10 mA
100 mA
Figure 12. Temperature Coefficients
50 mA
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
40
60
80
100
20
0
0
TA = 25°C
PULSE WIDTH = 300
µs
DUTY CYCLE
≤ 2.0%
IB = 500 µA
400
µA
300
µA
200
µA
100
µA
*APPLIES for IC/IB ≤ hFE/2
25
°C to 125°C
–55
°C to 25°C
25
°C to 125°C
–55
°C to 25°C
40
60
0.006 0.01
0.02 0.03
0.05 0.07 0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
0.005 0.01 0.02 0.05 0.1 0.2
0.5
1.0 2.0
5.0 10
20
5.0
10
15
20
25
30
35
40
1.2
1.0
0.8
0.6
0.4
0.2
0
– 2.4
0.8
0
– 1.6
– 0.8
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
200
100
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com