Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXPRESS-HLE Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # EXPRESS-HLE
Description  COM Express Basic Size Type 6 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-HLE Datasheet(HTML) 1 Page - Adlink Technology Inc.

  EXPRESS-HLE Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-HLE Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-HLE Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-HLE Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Express-HLE
COM Express® Basic Size Type 6 Module with
Intel® Core™ and Celeron® Processor with ECC
Features
●
Intel® Core™ i7/i5/i3 Processor with Mobile Intel® QM87 Express
Chipset
●
Up to 16GB Dual Channel ECC DDR3L at 1600MHz
●
Three DDI ports support 3 independent displays
●
Seven PCIe x1, one PCIe x16
●
GbE, four SATA 6 Gb/s, four USB 3.0 and four USB 2.0
●
Supports Smart Embedded Management Agent (SEMA®) functions
●
Extreme Rugged operating temperature: -40°C to +85°C
(build option)
Specifications
● Core System
CPU
4th Generation Intel® Core™ i7 Processors (Mobile) - 22nm
i7-4700EQ 2.4 GHz (3.4 GHz Turbo), 47W (4C/GT2)
i5-4400E 2.7 GHz (3.3 GHz Turbo), 37W (2C/GT2)
i5-4402E 1.6 GHz (2.7 GHz Turbo), 25W (2C/GT2)
i3-4100E 2.4 GHz (no Turbo) 3MB, 37W (2C/GT2)
i3-4102E 1.6 GHz (no Turbo) 3MB, 25W (2C/GT2)
i7-4860EQ 2.4 GHz (3.2 GHz Turbo), 47W (4C/GT3)
Celeron® 2000E 2.2 GHz (no Turbo) 35W (2C/GT1)
Celeron® 2002E 1.5 GHz (no Turbo) 25W (2C/GT1)   
Supports: Intel® VT, Intel® TXT, Intel® SSE4.2, Intel® HT Technology, Intel® 64
Architecture, Execute Disable Bit, Intel® Turbo Boost Technology 2.0, Intel®
AVX2, Intel® AES-NI, PCLMULQDQ Instruction, Intel® Secure Key and Intel®
TSX.
Note: Availability of the features may vary between processor SKUs.
Memory
Dual channel with ECC 1600/1333 MHz DDR3L memory up to 16GB in dual
SODIMM socket
Embedded BIOS
AMI EFI with CMOS backup in 8MB SPI BIOS with Intel® AMT 9.0 support
L3 Cache
6MB for i7-4700EQ, 3MB for i5-4400E, i5-4402E, i3-4100E and i3-4102E
Expansion Busses
PCI Express x16 (Gen3) or PCI Express (2 x8 or 1 x8 with 2 x4)
6 PCI Express x1 (AB): lanes 0/1/2/3/4/5
1 PCI Express x1 (CD): lane 6
LPC bus, SMBus (system) , I2C (user)
SEMA Board Controller
Supports: Voltage/Current monitoring, Power sequence debug support, AT/
ATX mode control, Logistics and Forensic information, Flat Panel Control,
General Purpose I2C, Failsafe BIOS (dual BIOS), Watchdog Timer and Fan
Control
Debug Headers
40-pin multipurpose flat cable connector
Use in combination with DB-40 debug module
Providing BIOS POST code LED, BMC access, SPI BIOS flashing, Power
Testpoints, Debug LEDs
60-pin XDP header for ICE debug of CPU/chipset
● Video
GPU Feature Support
Generation 7.5 graphics core architecture, supporting
3 independent and simultaneous display combinations of DisplayPort /HDMI
/ LVDS monitors
Encode/transcode HD content
Digital Display Interface
DDI1 supporting DisplayPort / HDMI / DVI
DDI2 supporting DisplayPort / HDMI / DVI
DDI3 supporting DisplayPort / HDMI / DVI
VGA
Analog VGA support with 300 MHz DAC
Analog monitor support up to QXGA (2048 x 1536)
LVDS
Single/dual channel 18/24-bit LVDS from eDP (two lanes)
● Audio
Chipset
Intel® HD Audio integrated in SOC
Audio Codec
Located on carrier Express-BASE6 (ALC886 standard supported)
● Ethernet
Intel® MAC/PHY: I217LM (Enterprise SKU) with AMT 9.0 support
Interface: 10/100/1000 GbE connection
● I/O Interfaces
USB: 4x USB 3.0 (USB 0,1,2,3)
4x USB 2.0 (USB 4,5,6,7)
SATA: Four ports SATA 6Gb/s (SATA0, SATA1, SATA2, SATA3)
Serial: 2 UART ports COM1/2 with console redirection
GPIO: 4 GPO and 4 GPI with interrupt
Note: “build option” indicates an alternative BOM configuration to support additional or alternative functions that are not available on the standard product.
Be aware that these “build option” part numbers will need to be newly created and this will result in production lead times.


Similar Part No. - EXPRESS-HLE

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-HL ADLINK-EXPRESS-HL Datasheet
287Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-HL-2000E ADLINK-EXPRESS-HL-2000E Datasheet
287Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-HL-2002E ADLINK-EXPRESS-HL-2002E Datasheet
287Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-HL-I3-4100E ADLINK-EXPRESS-HL-I3-4100E Datasheet
287Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-HL-I3-4102E ADLINK-EXPRESS-HL-I3-4102E Datasheet
287Kb / 4P
COM Express Basic Size Type 6 Module
More results

Similar Description - EXPRESS-HLE

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CEXPRESS-HL ADLINK-CEXPRESS-HL Datasheet
306Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-WL ADLINK-CEXPRESS-WL Datasheet
447Kb / 4P
COM Express Compact Size Type 6 Module
EXPRESS-BL ADLINK-EXPRESS-BL Datasheet
273Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-CF ADLINK-EXPRESS-CF Datasheet
515Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-CFR ADLINK-EXPRESS-CFR Datasheet
512Kb / 4P
COM Express짰 Basic Size Type 6 Module
EXPRESS-HL ADLINK-EXPRESS-HL Datasheet
287Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-SL2 ADLINK-EXPRESS-SL2 Datasheet
597Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-SL ADLINK-EXPRESS-SL Datasheet
551Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-KL2 ADLINK-EXPRESS-KL2 Datasheet
599Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-KL ADLINK-EXPRESS-KL Datasheet
278Kb / 4P
COM Express Basic Size Type 6 Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com