Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXPRESS-HLE Datasheet(PDF) 3 Page - Adlink Technology Inc.

Part # EXPRESS-HLE
Description  COM Express Basic Size Type 6 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-HLE Datasheet(HTML) 3 Page - Adlink Technology Inc.

  EXPRESS-HLE Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-HLE Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-HLE Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-HLE Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Functional Diagram
“Haswell”
ATMEL
AT97SC3204
NCT5104D
Mobile Intel®
QM87/HM86
Chipset
i217LM
PCA9535
SMBus
4x GP0
GP I 2C
LPC bus
1333/1600 MHz
SODIMM ECC
1~8 GB DDR3L
PCI Express x16 (Gen3)
2 x8 or 1 x8 + 2 x4
SPI
4x GPI
Debug
header
60-pin
VGA
PCIe x1
(port 7)
HD Audio
UART1
UART0
DDC I 2C
1333/1600 MHz
1~8 GB DDR3L
SPI_CS0
SPI_CS1
SPI_CS#
DDI 1 (port B)
DP / HDMI / DVI / S DVO
DDI 2 (port C)
DP / HDMI / DVI
DDI 3 (port D)
DP / HDMI / DVI
-40+85°C
RTD2136R/N
eDP
2 lane
6x PCIe x1 (Gen2)
(port 0~5)
8x USB 1.1/2.0
4x USB 3.0 upgrade (QM87)
2x USB 3.0 upgrade (HM86)
1x PCIe x1 (Gen2)
(port 6)
4x SATA3 (QM87)
2x SATA3 & 2x SATA2 (HM86)
single / dual
18/24-bit LVDS
SODIMM ECC
eDP-LVDS
GbE
Serial
GPIO
SEMA
Sensor
SPI 1
BIOS
SPI 0
BIOS
TPM
XDP
4th Generation
Intel® CoreTM
i7/i5/i3 Processor
Intel® Celeron®



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com