Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4800X Datasheet(PDF) 7 Page - ebm-papst

Part # 4800X
Description  Product Data Sheet 4800 X
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4800X Datasheet(HTML) 7 Page - ebm-papst

  4800X Datasheet HTML 1Page - ebm-papst 4800X Datasheet HTML 2Page - ebm-papst 4800X Datasheet HTML 3Page - ebm-papst 4800X Datasheet HTML 4Page - ebm-papst 4800X Datasheet HTML 5Page - ebm-papst 4800X Datasheet HTML 6Page - ebm-papst 4800X Datasheet HTML 7Page - ebm-papst 4800X Datasheet HTML 8Page - ebm-papst 4800X Datasheet HTML 9Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Product Data Sheet 4800 X
07/24/2014
page 7 of 9
3.5
Sound Data
Measurement
conditions:
Sound pressure level: 1 Meter distance between microphone and the air intake.
Sound power level: Acc. to DIN 45635 part 38 (ISO 10302)
Measured in a semianchoic chamber with a background noise level of Lp(A) < 5 dB(A)
For further measurement conditions see section 3.4
a.) Operation condition:
1.850 1/min at free air flow
Frequency: 50 Hz
Optimal operating point
50,0 m3/h @ 13 Pa
Sound power level at the optimal operating
point
4,4 bel(A)
Sound pressure level at free air flow,
measured in rubber bands
33,0 dB(A)
b.) Operation condition:
1.700 1/min at free air flow
Frequency: 60 Hz
Optimal operating point
44,0 m3/h @ 10 Pa
Sound power level at the optimal operating
point
4,5 bel(A)
Sound pressure level at free air flow,
measured in rubber bands
34,0 dB(A)
4
Environment
4.1
General
Min. permitted ambient temperature TU min.
-10 °C / 50 Hz
-10 °C / 60 Hz
Max. permitted ambient temperature TU max.
70 °C / 50 Hz
75 °C / 60 Hz
Min. permitted storage temperature TL min.
-40 °C
Max. permitted storage temperature TL max.
80 °C
4.2
Climatic requirements*)
Humidity requirements
humid heat, constant; according to DIN EN 60068-2-
78, 14 days
Water exposure
None
Dust requirements
None
Salt fog requirements
None
*) Permittet application area:
The product is intended for use in sheltered rooms with controlled temperature and controlled humidity. Directly
exposure to water must be avoided.
Pollution degree 1 (according DIN EN 60664-1)
There is either no pollution or it occurs only dry, non-conductive pollution. The pollution has no negative impact.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com