Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4800X Datasheet(PDF) 8 Page - ebm-papst

Part # 4800X
Description  Product Data Sheet 4800 X
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4800X Datasheet(HTML) 8 Page - ebm-papst

  4800X Datasheet HTML 1Page - ebm-papst 4800X Datasheet HTML 2Page - ebm-papst 4800X Datasheet HTML 3Page - ebm-papst 4800X Datasheet HTML 4Page - ebm-papst 4800X Datasheet HTML 5Page - ebm-papst 4800X Datasheet HTML 6Page - ebm-papst 4800X Datasheet HTML 7Page - ebm-papst 4800X Datasheet HTML 8Page - ebm-papst 4800X Datasheet HTML 9Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Product Data Sheet 4800 X
07/24/2014
page 8 of 9
5
Safety
5.1
Electrical Safety
Dielectric strength
DIN EN 60950 (VDE 0805) and DIN EN 60335 (VDE
0700)
A.) Type test
Measuring conditions: After 48h of storage at 95%
R.H. and 25°C.
No arcing or breakdown is allowed!
All connections together to ground.
1000 VAC / 1 Min.
B.) Routine test
Measuring conditions: At indoor climate.
No arcing or breakdown is allowed!
All connections together to ground.
1500 VAC / 1 Sec.
Isolation resistance
Measuring conditions: After 48h of storage at 95%
R.H. and 25°C measured with U=500 VDC for 1 min.
RI > 50 MOhm
clearance / creepage distance
2,0 mm / 1,1 mm
Protection class
I
5.2
Approval Tests
CE
Yes
UL
Yes / UL507, Electric Fans
VDE
Yes / Approval acc. to EN 60950 (VDE 0805) - Information
technology equipment
CSA
Yes / C22.2 No. 113 Fans and Ventilators
CCC
Yes / GB 12350 Safety Requirements for small Power Motors
The approval tests are observed to:
U approval max.: 115 V / f: 60 Hz @ TU approval max.: 75 °C
6
Reliability
6.1
General
Life expectancy L10 at TU = 40 °C
57.500 h / 50 Hz
60.000 h / 60 Hz
Life expectancy L10 at TU max.
27.500 h / 50 Hz
27.500 h / 60 Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com