Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT01 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PLT01
Description  Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLT01 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PLT01 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.prewell.com
2
Gain Block
SJM PREWELL
PLT01
Products and product information are subject to change without notice. Version 16
-5
-3
-1
1
3
5
10
14
18
22
26
30
Output Power (dBm)
400MHz
700MHz
1000MHz
400
500
600
700
800
900
1000
10
12
14
16
18
20
Frequency (MHz)
25°C
-40°C
85°C
P1dB vs. Frequency
400
500
600
700
800
900
1000
-35
-30
-25
-20
-15
-10
Frequency (MHz)
25°C
-40°C
85°C
Output Return Loss vs. Frequency
400
500
600
700
800
900
1000
-20
-16
-12
-8
-4
0
Frequency (MHz)
25°C
-40°C
85°C
Input Return Loss vs. Frequency
400
500
600
700
800
900
1000
10
12
14
16
18
20
Frequency (MHz)
25°C
-40°C
85°C
Gain vs. Frequency
400
500
600
700
800
900
1000
15
17
19
21
23
25
Frequency (MHz)
25°C
-40°C
85°C
OIP3 vs. Output Power
OIP3 vs. Frequency
Parameters
Units
400MHz
700MHz
1000MHz
S21
dB
15.6
15.4
14.7
S11
dB
-9.3
-12.7
-11.6
S22
dB
-14.6
-33.5
-22.6
P1dB
dBm
17.1
17.3
17.3
OIP3 2)
dBm
19.1
19.6
20.5
NF
dB
1.32
1.42
1.39
Typical RF Performance for 400MHz ~ 1000MHz Tuned Application Circuit
Supply Bias Voltage = 3V, Current= 8mA
Note 1. Measurement for our datasheet was made on 0.8mm thick
FR-4 Board and 50
Ω microstrip line
Note 2. Increasing supply voltage also increases the current
Note 3. It is recommended to use R
Bias for more than 6V
1) Test Conditions : T=25°C, Supply Voltage=3V, 50
Ω System
2) OIP3 is measured with two tones, 1MHz Spacing, 0dBm per Tone at Output
RF IN
1nF
39nH
1nF
Vdd
RF OUT
2.2nF
RBias
3.9nH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com