Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT01 Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PLT01
Description  Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLT01 Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PLT01 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
http://www.prewell.com
1
Gain Block
SJM PREWELL
PLT01
Products and product information are subject to change without notice. Version 16
1 ESD sensitive device. Observe
handling precautions.
2 HBM: Class 1C , JESD22-A114
3 CDM: Class C3 , JESD22-
C101F
4 MSL 3, J-STD-020
Features
• 400 to 1700MHz
• Gain 15.4dB @ 700MHz
• P1dB 17.3dBm @ 700MHz
• OIP3 19.6dBm @ 700MHz
• Lead-free / Green /
• Compliant SOT-363 Package
Description
The PLT01 is a high performance pHEMT MMIC Amplifier. The
PLT01 features are high gain, low noise, low power consumption,
wideband operation and high reliability, ideal for mobile device
receiver. The PLT01 operates from a single voltage supply and no
bias resistor is required. It provides stable performance over wide
temperature range by internal temperature compensation bias
circuit. It has integrated ESD protection diode that provides high ESD
protection performance. This device is a general purpose amplifier
that offers high dynamic range in a low cost surface-mounted plastic
SOT-363 package. All devices are 100% RF and DC tested.
Specification
s
1) Test Conditions : T=25°C, Supply Voltage=3V, 50ohm System
2) OIP3 measured with two tones at an output power of 0dBm/tone separated by 1MHz
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Voltage
10
V
Device Current
45
mA
RF Power Input
17
dBm
Storage Temperature
-55 to 150
°C
Ambient Operating Temperature
-40 to 85
°C
Junction Temperature
187
°C
ESD/MSL
Functional Diagram
1) Stresses above the maximum values listed have may cause permanent damage to the device.
2) MTTF is more than 100 years.
Applications
• Mobile
• Microphone receiver
• GPS
• Repeater
• Automotive
• Military
Parameter
Units
Min.
Typ.
Max.
Test
Frequency
MHz
700
1575
S21
dB
15.4
13.7
S11
dB
-12.7
-15.8
S22
dB
-33.5
-15.1
OIP3 2)
dBm
19.6
17.6
P1dB
dBm
17.3
18.6
NF
dB
1.42
1.50
V / I
V / mA
2V
3V / 8mA
6V
Rth
°C/W
72
RF IN
GND
3
1,2,4,5
RF OUT / Bias 6
3
6
1
4
2
5


Similar Part No. - PLT01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLT0603Y1001ABT0 VISHAY-PLT0603Y1001ABT0 Datasheet
124Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
18-Oct-2019
PLT0603Y1001ABT1 VISHAY-PLT0603Y1001ABT1 Datasheet
124Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
18-Oct-2019
PLT0603Y1001ABT3 VISHAY-PLT0603Y1001ABT3 Datasheet
124Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
18-Oct-2019
PLT0603Y1001ABT5 VISHAY-PLT0603Y1001ABT5 Datasheet
124Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
18-Oct-2019
PLT0603Y1001ABTF VISHAY-PLT0603Y1001ABTF Datasheet
124Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
18-Oct-2019
More results

Similar Description - PLT01

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PG520 SJM-PG520 Datasheet
345Kb / 5P
Gain Block
PNW566 SJM-PNW566 Datasheet
681Kb / 22P
Gain Block
PW115 SJM-PW115_V01 Datasheet
376Kb / 5P
Gain Block
PW114 SJM-PW114_V01 Datasheet
375Kb / 5P
Gain Block
PW112 SJM-PW112 Datasheet
445Kb / 7P
Gain Block
PW111 SJM-PW111 Datasheet
403Kb / 5P
Gain Block
PW11A SJM-PW11A Datasheet
358Kb / 4P
Gain Block
PW117 SJM-PW117 Datasheet
374Kb / 5P
Gain Block
PW118 SJM-PW118 Datasheet
437Kb / 6P
Gain Block
PW119 SJM-PW119 Datasheet
396Kb / 6P
Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com