Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530ACCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADMV4530ACCZ
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530ACCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADMV4530ACCZ Datasheet HTML 48Page - Analog Devices ADMV4530ACCZ Datasheet HTML 49Page - Analog Devices ADMV4530ACCZ Datasheet HTML 50Page - Analog Devices ADMV4530ACCZ Datasheet HTML 51Page - Analog Devices ADMV4530ACCZ Datasheet HTML 52Page - Analog Devices ADMV4530ACCZ Datasheet HTML 53Page - Analog Devices ADMV4530ACCZ Datasheet HTML 54Page - Analog Devices ADMV4530ACCZ Datasheet HTML 55Page - Analog Devices ADMV4530ACCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 52 of 59
Bits
Bit Name
Description
Reset
Recommended
Access
[3:0]
SI_VTUNE_CAL_SET
VCO VTUNE Target Voltage Select
0x0
0x7
R/W
0: 0.58 V
1: 0.73 V
10: 0.88 V
11: 1.03 V
100: 1.18 V
101: 1.33 V
110: 1.48 V
111: 1.63 V
1000: 1.78 V
1001: 1.93 V
1010: 2.08 V
1011: 2.23 V
1100: 2.38 V
1101: 2.53 V
1110: 2.68 V
1111: 2.83 V
Address: 0x03A, Reset: 0x00, Name: REG003A
VCO Calibration ADC Offs et Correction
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] ADC_OFFSET (R/W)
Table 49. Bit Descriptions for REG003A
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
ADC_OFFSET
VCO Calibration ADC Offset Correction
0x0
R/W
Address: 0x03E, Reset: 0x00, Name: REG003E
Charge Pum p Tes t Modes
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] RESERVED
[1:0] RESERVED
[3:2] CP_TMODE (R/W)
Table 50. Bit Descriptions for REG003E
Bits
Bit Name
Description
Reset
Recommended
Access
[7:4]
RESERVED
Reserved
0x0
0x0
R/W
[3:2]
CP_TMODE
Charge Pump Test Modes
0x0
0x3
R/W
00: tristate
11: normal
[1:0]
RESERVED
Reserved
0x0
0x
R/W
Address: 0x06E, Reset: 0x00, Name: REG006E
VCO Data Read Back
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] VCO_DATA_READBACK[7:0] (R)
Table 51. Bit Descriptions for REG006E
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
VCO_DATA_READBACK[7:0]
VCO Data Read Back
0x0
N/A
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com