Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530ACCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADMV4530ACCZ
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530ACCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMV4530ACCZ Datasheet HTML 17Page - Analog Devices ADMV4530ACCZ Datasheet HTML 18Page - Analog Devices ADMV4530ACCZ Datasheet HTML 19Page - Analog Devices ADMV4530ACCZ Datasheet HTML 20Page - Analog Devices ADMV4530ACCZ Datasheet HTML 21Page - Analog Devices ADMV4530ACCZ Datasheet HTML 22Page - Analog Devices ADMV4530ACCZ Datasheet HTML 23Page - Analog Devices ADMV4530ACCZ Datasheet HTML 24Page - Analog Devices ADMV4530ACCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 21 of 59
0
–70
–30
–50
–10
–40
–60
–20
27.0
31.0
29.4
30.2
30.6
29.0
29.8
28.6
28.2
27.8
27.4
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
QP PORT
QN PORT
IP PORT
IN PORT
Figure 66. LO to I/Q Inputs Feedthrough vs. LO Frequency, Uncalibrated over
Temperature
0
–90
–30
–50
–70
–10
–40
–60
–80
–20
13.5
15.5
14.7
15.1
15.3
14.5
14.9
14.3
14.1
13.9
13.7
VCO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
QP PORT
QN PORT
IP PORT
IN PORT
Figure 67. VCO Power vs. VCO Frequency over Temperature, Uncalibrated
–69
–80
–78
–72
–74
–76
–70
–79
–73
–75
–77
–71
13.5
15.5
14.7
15.1
15.3
14.5
14.9
14.3
14.1
13.9
13.7
VCO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
QP PORT
QN PORT
IP PORT
IN PORT
Figure 68. 3× VCO to I/Q Inputs Feedthrough vs. VCO Frequency over
Temperature, Uncalibrated
0
–120
–100
–40
–60
–80
–20
24.0
32.0
28.8
30.4
31.2
28.0
29.6
27.2
26.4
25.6
24.8
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
3× VCO
LO
1× VCO
Figure 69. 1× VCO, LO, 3× VCO to IF Feedthrough vs. LO Frequency over
Temperature
0
–90
–60
–80
–70
–50
–30
–10
–40
–20
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
3× VCO
LO
1× VCO
Figure 70. 1× VCO, LO, 3× VCO to RF Feedthrough vs. LO Frequency over
Temperature, Uncalibrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com