Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2215 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC2215
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC2215 Datasheet HTML 5Page - Microchip Technology MIC2215 Datasheet HTML 6Page - Microchip Technology MIC2215 Datasheet HTML 7Page - Microchip Technology MIC2215 Datasheet HTML 8Page - Microchip Technology MIC2215 Datasheet HTML 9Page - Microchip Technology MIC2215 Datasheet HTML 10Page - Microchip Technology MIC2215 Datasheet HTML 11Page - Microchip Technology MIC2215 Datasheet HTML 12Page - Microchip Technology MIC2215 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
0
20
40
60
80
100
120
140
160
180
200
0
1234
5
SUPPLY VOLTAGE (V)
100 A
150mA
250mA
V
OUT = 3V
 2019 Microchip Technology Inc.
DS20006274A-page 9
MIC2215
FIGURE 2-25:
Ground Current vs. Supply
Voltage for LDO 3.
0
0.5
1
1.5
2
2.5
3
3.5
0
1234
5
SUPPLY VOLTAGE (V)
100 A
10mA
250mA
FIGURE 2-26:
Output Voltage vs. Supply
Voltage for LDO 1.
0
0.5
1
1.5
2
2.5
3
3.5
0
1234
5
SUPPLY VOLTAGE (V)
100 A
10mA
250mA
FIGURE 2-27:
Output Voltage vs. Supply
Voltage for LDO 2.
0
0.5
1
1.5
2
2.5
3
3.5
0
12345
SUPPLY VOLTAGE (V)
100 A
10mA
250mA
FIGURE 2-28:
Output Voltage vs. Supply
Voltage for LDO 3.
200mV V
400mV V
1.0V V
1.2V V
2V V
100
1M
1K
10K
100K
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
FREQUENCY (Hz)
400mV
200mV
600mV
1V
C
BYP = 0. 1 F
V
IN =V OUT +
V
I
LOAD = 150mA
FIGURE 2-29:
Power Supply Rejection
Ratio, 3VOUT.
1M
100K
10K
1K
100
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
C
BYP = 1nF
C
BYP = 1 F
C
BYP = 0. 1 F
C
BYP = 10nF
C
BYP = 0
V
IN =V OUT +1V
I
LOAD = 150mA
FIGURE 2-30:
Power Supply Rejection
Ratio vs. CBYPASS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com