Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DLPC Datasheet(PDF) 46 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 46 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 42Page - STMicroelectronics IIS2DLPC Datasheet HTML 43Page - STMicroelectronics IIS2DLPC Datasheet HTML 44Page - STMicroelectronics IIS2DLPC Datasheet HTML 45Page - STMicroelectronics IIS2DLPC Datasheet HTML 46Page - STMicroelectronics IIS2DLPC Datasheet HTML 47Page - STMicroelectronics IIS2DLPC Datasheet HTML 48Page - STMicroelectronics IIS2DLPC Datasheet HTML 49Page - STMicroelectronics IIS2DLPC Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
Register mapping
IIS2DLPC
46/69
DocID031788 Rev 4
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
FREE_FALL
R/W
36
00110110
00000000
Free-fall configuration
STATUS_DUP
R
37
00110111
00000000
Status register
WAKE_UP_SRC
R
38
00111000
00000000
Wakeup source
TAP_SRC
R
39
00111001
00000000
Tap source
SIXD_SRC
R
3A
00111010
00000000
6D source
ALL_INT_SRC
R
3B
00111011
00000000
X_OFS_USR
R/W
3C
00111100
00000000
Y_OFS_USR
R/W
3D
00111110
00000000
Z_OFS_USR
R/W
3E
00000100
00000000
CTRL7
R/W
3F
00000100
00000000
1. R = read-only register, R/W = readable/writable register
Table 22. Register map (continued)
Name
Type(1)
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com