Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DLPC Datasheet(PDF) 1 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 1 Page - STMicroelectronics

  IIS2DLPC Datasheet HTML 1Page - STMicroelectronics IIS2DLPC Datasheet HTML 2Page - STMicroelectronics IIS2DLPC Datasheet HTML 3Page - STMicroelectronics IIS2DLPC Datasheet HTML 4Page - STMicroelectronics IIS2DLPC Datasheet HTML 5Page - STMicroelectronics IIS2DLPC Datasheet HTML 6Page - STMicroelectronics IIS2DLPC Datasheet HTML 7Page - STMicroelectronics IIS2DLPC Datasheet HTML 8Page - STMicroelectronics IIS2DLPC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
This is information on a product in full production.
May 2019
DocID031788 Rev 4
1/69
IIS2DLPC
MEMS digital output motion sensor: high-performance
ultra-low-power 3-axis accelerometer for industrial applications
Datasheet
- production data
Features
 ±2g/±4g/±8g/±16g full scale
 Multiple operating modes reconfigurable on the fly:
from ultra-low-power to high-performance high-
resolution mode
 Ultra-low power consumption: 50 nA in power-down
mode, below 1 μA in active low-power mode, 120 μA
in high-performance mode
 Output data rates from 1.6 Hz to 1600 Hz; bandwidth
up to 800 Hz
 Single data conversion on demand
 Very low noise: down to 90 μg/√Hz
 32-level FIFO and 2 independent programmable
interrupts
 High-speed I²C/SPI digital output interface
 Supply voltage, 1.62 V to 3.6 V
 Embedded temperature sensor
 Self-test
 10000 g high shock survivability
 ECOPACK, RoHS and “Green” compliant
Applications
 Industrial IoT and connected devices
 Anti-tampering devices
 Appliances and robotics
 Industrial tools and factory equipment
 Portable healthcare devices and hearing aids
 Vibration monitoring
 Tilt/inclination measurements
 Smart power saving & motion-activated functions
 Impact recognition and logging
Description
The IIS2DLPC is an ultra-low-power high-performance
three-axis linear accelerometer with digital I²C/SPI
output interface which leverages on the robust and
mature manufacturing processes already used for the
production of micromachined accelerometers.
The IIS2DLPC has user-selectable full scales of
±2g/±4g/±8g/±16g and is capable of measuring
accelerations with output data rates from 1.6 Hz to
1600 Hz.
The IIS2DLPC has one high-performance mode and 4
low-power modes which can be changed on the fly,
providing outstanding versatility and adaptability to the
requirements of the application.
The IIS2DLPC has an integrated 32-level first-in, first-out
(FIFO) buffer allowing the user to store data in order to
limit intervention by the host processor.
The embedded self-test capability allows the user to
check the functioning of the sensor in the final
application.
The IIS2DLPC has a dedicated internal engine to
process motion and acceleration detection including
free-fall, wakeup, highly configurable single/double-tap
recognition, activity/inactivity, stationary/motion
detection, portrait/landscape detection and 6D/4D
orientation.
The IIS2DLPC is available in a small thin plastic land
grid array package (LGA) and it is guaranteed to operate
over an extended temperature range from -40 °C to
+85 °C.
Table 1. Device summary
Order code
Temp.
range [°C]
Package
Packaging
IIS2DLPCTR -40 to +85
LGA-12
Tape and reel
Product label
www.st.com


Similar Part No. - IIS2DLPC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
182Kb / 4P
Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
11-Nov-2019
More results

Similar Description - IIS2DLPC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
AIS2IH STMICROELECTRONICS-AIS2IH Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
Rev 4
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
LIS2DW STMICROELECTRONICS-LIS2DW Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis
10-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com