Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSA950 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # CSA950
Description  PNP Planar Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CSA950 Datasheet(HTML) 1 Page - Rectron Semiconductor

  CSA950 Datasheet HTML 1Page - Rectron Semiconductor CSA950 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSA950
PNP Planar Epitaxial Transistor
Symbol
Ratings
Unit
Collector-Emmiter Voltage
VCEO
30
V
Collector Base Voltage
VCBO
35
V
Emitter Base Voltage
VEBO
5V
Collector current
IC
800
mA
Emitter Current
IE M
800
mA
Collector Power Dissipation
PC
600
mW
Operating and Storage Junction
Tj Tstg
-50 to +150
°C
Temperature Range
Absolute Maximun Ratings (Ta=25oC)
TECHNICAL SPECIFICATION
RECTRON
SEMICONDUCTOR
1. BASE
2. EMITTER
3. COLLECTOR
DIM
MIN
MAX
A
4.32
5.33
B
4.45
5.2
C
3.18
4.19
D
0.41
0.50
E
0.35
0.50
F
5
q
5
q
G
1.14
1.40
H
1.14
1.53
K
12.70
-
TO-92


Similar Part No. - CSA950

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA950 CDIL-CSA950 Datasheet
303Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
CSA950O CDIL-CSA950O Datasheet
303Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
CSA950Y CDIL-CSA950Y Datasheet
303Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
More results

Similar Description - CSA950

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com