Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSA950 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # CSA950
Description  PNP Planar Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CSA950 Datasheet(HTML) 2 Page - Rectron Semiconductor

  CSA950 Datasheet HTML 1Page - Rectron Semiconductor CSA950 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics Ratings
(at Ta = 25°C unless otherwise specified)
* Pulse Condition: Width < 300mS, Duty Cycle < 2%
Symbol
Test Conditions
min.
Typ.
max.
Unit
Collector Emitter Voltage
VCEO
IC = 10mA, IB=0
30
V
Collector Cut off Current
ICBO
VC = 35V, IE=0
0.1
µA
Emitter Cut off Current
IEBO
VEB = 5V, IC=0
0.1
µA
DC Current Gain
hFE (1)
VCE = 1V, IC = 100mA
100
320
hFE (2)
VCE = 1V, IC = 700mA
35
Collector Emitter Saturation Voltage
VCE (SAT)*IC = 500mA, IB = 20mA
0.7
V
Base Emitter on Voltage
VBE (on)
VCE = 5V, IC = 10mA
0.5
0.8
Transition Frequency
fT
IC = 10mA, VCE=5V
120
MHz
Collector Output Capacitance
Cob
VCB = 10V, IE = 0, f = 1MHz
19
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com