| Electronic Components Datasheet Search |
|
HCS473ISLQTP Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS473ISLQTP Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 68 page ![]() 2002 Microchip Technology Inc. Preliminary DS40035C-page 23 HCS473 3.2.3 TRANSPONDER COMMANDS TABLE 3-5: LIST OF AVAILABLE TRANSPONDER COMMANDS Command Option Description Select Transponder (Section 3.2.3.1) 0002 - Select HCS473, used to isolate communication to a single HCS473 Present Transport Code (1) (Section 3.2.3.2) 0012 - Used to gain write access to the device EEPROM memory locations Identify Friend or Foe (IFF) (1) (Section 3.2.3.3) 0102 0002 32-bit IFF using the Transponder Key 0012 16-bit IFF using the Transponder Key 0102 32-bit IFF using the Encoder Key 0112 16-bit IFF using the Encoder Key Read EEPROM (1) (Section 3.2.3.4) 1002 0002 Read 16-bit User EEPROM 0 0012 Read 16-bit User EEPROM 1 0102 Read 16-bit User EEPROM 2 0112 Read 16-bit User EEPROM 3 1002 Read Most Significant 16 bits of the Serial Number 1012 Read Least Significant 16 bits of the Serial Number 1102 Read 16-bit Device Identifier #1 (12-bit Vehicle ID #1 and 4-bit Token ID #1) 1112 Read 16-bit Device Identifier #2 (12-bit Vehicle ID #2 and 4-bit Token ID #1) Write EEPROM (1) (2) (Section 3.2.3.5) 1012 0002 Write 16-bit User EEPROM 0 0012 Write 16-bit User EEPROM 1 0102 Write 16-bit User EEPROM 2 0112 Write 16-bit User EEPROM 3 1002 Write Most Significant 16 bits of the Serial Number 1012 Write Least Significant 16 bits of the Serial Number 1102 Write 16-bit Device Identifier #1 (12-bit Vehicle ID #1 and 4-bit Token ID #1) 1112 Write 16-bit Device Identifier #2 (12-bit Vehicle ID #2 and 4-bit Token ID #1) Request Hopping Code (1) (Section 3.2.3.6) 1102 - Request Hopping Code transmission Anticollision OFF (Section 3.2.3.7) 1112 - Temporarily bypass a HCS473’s anticollision requirements. Note 1: Command must be preceded by successful Select Transponder or Anticollision Off sequence if anticolli- sion is enabled. 2: A successful Present Transport Code sequence must first occur to gain write access. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |