| Electronic Components Datasheet Search |
|
HCS473ISLQTP Datasheet(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS473ISLQTP Datasheet(HTML) 31 Page - Microchip Technology |
|
31 / 68 page ![]() 2002 Microchip Technology Inc. Preliminary DS40035C-page 29 HCS473 3.2.3.6 REQUEST HOPPING CODE COMMAND The REQUEST HOPPING CODE command tells the HCS473 to increment the synchronization counter and build the 32-bit code hopping portion of the encoder code word. A delay of T HOP occurs while the HCS473 increments the counter (updating EEPROM values) and encrypts the response. RFRSP determines if the response will be transmitted on the DATA pin. If enabled, the response will be a sin- gle K EELOQ code hopping code word, based on Encoder mode options. The code word will contain a button code of ‘00002’, indicating the transmission did not result from a button press. LFRSP determines if the response will be transmitted on the LC pins. The LC pin response will be the 32-bit hopping portion of the code word, modulated PPM for- mat. If both RFRSP and LFRSP are enabled, the HCS473 will send the response on the DATA pin immediately fol- lowed by the PPM response on the LC pins. Refer to Section 3.2.1.7 for further response path details. The next command must begin T CMD after the code hopping response. FIGURE 3-17: REQUEST HOPPING CODE SEQUENCE (RF RESPONSE EXAMPLE) TSF ACK CMD CRC T CMD ‘1102’2 bits T HOP RESPONSE Command CRC TFINH THOP RF Response (RFRSP=1) Optional Next Command T CMD Next Command TCMD TCMD Inductive In (LC Pins) RF Response (DATA Pin) TCMD TCMD LF must remain on if following with consecutive command or if waiting for LF response Wake Sequence or Previous Command Response |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |