Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856C Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # BC856C
Description  PNP Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BC856C Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BC856C Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BC856C Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BC856C Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BC856C Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC856-BC858 SOT-23
1 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Features
●
Ideally suited for automatic insertion
●
For Switching and AF Amplifier Applications
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
BC856
BC857
BC858
Unit
Collector - Base Voltage
VCBO
-80
-50
-30
Collector - Emitter Voltage
VCEO
-65
-45
-30
Emitter - Base Voltage
VEBO
Collector Current - Continuous
IC
mA
Collector Power Dissipation
PC
mW
Junction Temperature
TJ
Storage Temperature range
Tstg
150
-55 to 150
-5
-100
200
V
℃
PNP Transistors
1
2
3
1.Base
2.Emitter
3.Collector
■
Simplified outline(SOT-23)
■


Similar Part No. - BC856C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC856C FAIRCHILD-BC856C Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Micro Commercial Compon...
BC856C MCC-BC856C Datasheet
102Kb / 3P
PNP Small Signal Transistor310mW
logo
Diotec Semiconductor
BC856C DIOTEC-BC856C Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
logo
SHIKUES Electronics
BC856C SKTECHNOLGY-BC856C Datasheet
699Kb / 3P
Switching and Amplifier Applications
logo
FutureWafer Tech Co.,Lt...
BC856C FUTUREWAFER-BC856C Datasheet
1Mb / 12P
PNP Silicon Epitaxial General Purpose Transistors
More results

Similar Description - BC856C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com