Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856C Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # BC856C
Description  PNP Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BC856C Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BC856C Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BC856C Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BC856C Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BC856C Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC856-BC858 SOT-23
2 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
BC856
-80
BC857
-50
BC858
-30
Collector- emitter breakdown voltage
BC856
-65
BC857
-45
BC858
-30
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
BC856
VCB= -70 V , IE=0
BC857
VCB= -45 V , IE=0
BC858
VCB= -25 V , IE=0
Collector- emittercut-off current
BC856
VCE= -55 V , IE=0
BC857
VCE= -40 V , IE=0
BC858
VCE= -25 V , IE=0
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
Collector-emitter saturation voltage
VCE(sat) IC=-100 mA, IB=-5mA
-0.5
Base - emitter saturation voltage
VBE(sat) IC=-100 mA, IB=-5mA
-1.1
DC current gain
BC856A,857A,858A
125
250
BC856B,857B,858B
220
475
BC856C,857C
420
800
Collector output capacitance
Cob
VCB= -10V, f=1MHz
4.5
pF
Transition frequency
fT
VCE= -5V, IC= -10mA,f=100MHz
100
MHz
VCBO
Ic= -100 μA, IE=0
VCEO
Ic= -1mA, IB=0
V
V
uA
-100
ICEO
-1
hFE
VCE= -5V, IC= -2mA
ICBO
■
Classification of hfe
nA
nA
Type
BC856A
BC856B
BC857A
BC857B
BC857C
BC858A
BC858B
BC858C
Range
125-250
220-475
125-250
220-475
420-800
125-250
220-475
420-800
Marking
3A
3B
3E
3F
3G
3J
3K
3L
,858C
BC856C
420-800
3C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com