Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGS1414DBCCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADGS1414DBCCZ
Description  SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1414DBCCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADGS1414DBCCZ Datasheet HTML 2Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 3Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 4Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 5Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 6Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 7Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 8Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 9Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADGS1414D
Data Sheet
Rev. 0 | Page 6 of 28
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Total Harmonic Distortion + Noise,
THD + N
0.03
% typ
RL = 110 Ω, 5 V p-p, f = 20 Hz to
20 kHz, see Figure 33
−3 dB Bandwidth
130
MHz typ
RL = 50 Ω, CL = 5 pF, see
Figure 34
Insertion Loss
−0.3
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 34
Source Capacitance, CS (Off)
30
pF typ
VS = 0 V, f = 1 MHz
Drain Capacitance, CD (Off)
31
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
116
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
Positive Supply Current, IDD
0.04
µA typ
Digital inputs = 0 V or VL, VL =
5.5 V
4.0
µA max
28
µA typ
All switches closed, VL = 2.7 V
60
µA max
Load Current, IL
Inactive
6.3
µA typ
Digital inputs = 0 V or VL
8.0
µA max
Inactive, SCLK = 1 MHz
14
µA typ
CS = VL and SDI = 0 V or VL, VL = 5 V
7
µA typ
CS = VL and SDI = 0 V or VL, VL = 3 V
SCLK = 50 MHz
390
µA typ
CS = VL and SDI = 0 V or VL, VL = 5 V
210
µA typ
CS = VL and SDI = 0 V or VL, VL = 3 V
Inactive, SDI = 1 MHz
15
µA typ
CS and SCLK = 0 V or VL, VL = 5 V
7.5
µA typ
CS and SCLK = 0 V or VL, VL = 3 V
SDI = 25 MHz
230
µA typ
CS and SCLK = 0 V or VL, VL = 5 V
120
µA typ
CS and SCLK = 0 V or VL, VL = 3 V
Active at 50 MHz
1.8
mA typ
Digital inputs toggle between
0 V and VL, VL = 5.5 V
2.1
mA max
0.7
mA typ
Digital inputs toggle between
0 V and VL, VL = 2.7 V
1.0
mA max
Negative Supply Current, ISS
0.04
µA typ
Digital inputs = 0 V or VL
4.0
µA max
VDD/VSS
±4.5/±16.5
V min/V max
GND = 0 V
1
Guaranteed by design. Not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com