Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGS1414DBCCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADGS1414DBCCZ
Description  SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1414DBCCZ Datasheet(HTML) 1 Page - Analog Devices

  ADGS1414DBCCZ Datasheet HTML 1Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 2Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 3Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 4Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 5Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 6Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 7Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 8Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SPI, 1.5 Ω RON, ±15 V/±5 V/+12 V, High
Density Octal SPST Switch
Data Sheet
ADGS1414D
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SPI with error detection
Includes CRC, invalid read and write address, and SCLK
count error detection
Supports burst mode and daisy-chain mode
Industry-standard SPI Mode 0 and Mode 3 interface
compatible
Integrated passive components
Route through of digital signals and supplies
Guaranteed break-before-make switching allowing external
wiring of switches to deliver multiplexer configurations
1.5 Ω typical on resistance at 25°C (±15 V dual supply)
0.3 Ω typical on resistance flatness at 25°C (±15 V dual supply)
0.1 Ω typical on resistance match between channels at 25°C
(±15 V dual supply)
VSS to VDD analog signal range
Fully specified at ±15 V, ±5 V, and +12 V
1.8 V logic compatibility with 2.7 V ≤ VL ≤ 3.3 V (excludes SPI
readback to a 1.8 V device)
4 mm × 5 mm, 30-terminal LGA
APPLICATIONS
Automated test equipment
Data acquisition systems
Sample-and-hold systems
Audio and video signal routing
Communications systems
Relay replacement
GENERAL DESCRIPTION
The ADGS1414D contains eight independent SPST switches. A
serial peripheral interface (SPI) controls the switches. The SPI
has robust error detection features, such as cyclic redundancy
check (CRC) error detection, invalid read and write address
detection, and SCLK count error detection.
It is possible to daisy-chain multiple ADGS1414D devices
together. Daisy-chain mode enables the configuration of
multiple devices with a minimal amount of digital lines. The
route of digital signals and supplies through the ADGS1414D
allows for a further increase in channel density. Integrated
passive components eliminate the need for external passive
components.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
The ADGS1414D is suited to high density switching
applications, such as large switching matrices and fanout
applications.
Each switch conducts equally well in both directions when on,
and each switch has an input signal range that extends to the
supplies. In the off condition, signal levels up to the supplies
are blocked.
Multifunction pin names may be referenced by their relevant
function only.
PRODUCT HIGHLIGHTS
1. The SPI removes the need for parallel conversion and logic
traces and reduces the general-purpose input and output
(GPIO) channel count.
2. Daisy-chain mode removes additional logic traces when
multiple devices are used.
3. Route through of digital signals and supplies eases routing
and allows for an increase in channel density.
4. Integrated passive components eliminate the need for
external passive components.
5. CRC error detection, invalid read and write address
detection, and SCLK count error detection ensure a robust
digital interface.
6. CRC, invalid read and write address, and SCLK error
detection capabilities allow for the use of the ADGS1414D
in safety critical systems.
7. Minimum distortion.
ADGS1414D
S5
S4
S3
S1
D5
S6
D6
S7
D7
S8
D8
SDO
SCLK SDI
VDD
VL
VSS
CS
RESET/VL
D4
D3
D1
S2
D2
SPI
INTERFACE


Similar Part No. - ADGS1414DBCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGS1412 AD-ADGS1412 Datasheet
722Kb / 26P
Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
REV. 0
ADGS1412BCPZ AD-ADGS1412BCPZ Datasheet
722Kb / 26P
Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
REV. 0
ADGS1412BCPZ-RL7 AD-ADGS1412BCPZ-RL7 Datasheet
722Kb / 26P
Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
REV. 0
More results

Similar Description - ADGS1414DBCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADGS1408 AD-ADGS1408 Datasheet
498Kb / 34P
SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
6/2018-Revision 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
1/2018-Revision 0
ADGS5414 AD-ADGS5414 Datasheet
442Kb / 30P
SPI Interface, Octal SPST Switches, 13.5 廓 RON, 짹20 V/36 V, Mux
10/2017-Revision 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com