Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0104EZXUR Datasheet(PDF) 13 Page - Texas Instruments

Part # TXS0104EZXUR
Description  TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0104EZXUR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TXS0104EZXUR Datasheet HTML 9Page - Texas Instruments TXS0104EZXUR Datasheet HTML 10Page - Texas Instruments TXS0104EZXUR Datasheet HTML 11Page - Texas Instruments TXS0104EZXUR Datasheet HTML 12Page - Texas Instruments TXS0104EZXUR Datasheet HTML 13Page - Texas Instruments TXS0104EZXUR Datasheet HTML 14Page - Texas Instruments TXS0104EZXUR Datasheet HTML 15Page - Texas Instruments TXS0104EZXUR Datasheet HTML 16Page - Texas Instruments TXS0104EZXUR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPLH
Propagation
delay time
(low-to-high output)
B-to-A
Push-pull driving
VCCB = 2.5 V ± 0.2 V
2.5
VCCB = 3.3 V ± 0.3 V
1.6
VCCB = 5 V ± 0.5 V
0.7
Open-drain driving
VCCB = 2.5 V ± 0.2 V
44
170
VCCB = 3.3 V ± 0.3 V
37
140
VCCB = 5 V ± 0.5 V
27
103
ten
Enable time
OE-to-A or B
VCCB = 2.5 V ± 0.2 V
200
ns
VCCB = 3.3 V ± 0.3 V
200
VCCB = 5 V ± 0.5 V
200
tdis
Disable time
OE-to-A or B
VCCB = 2.5 V ± 0.2 V
50
ns
VCCB = 3.3 V ± 0.3 V
40
VCCB = 5 V ± 0.5 V
35
trA
Input rise time
A-port
rise time
Push-pull driving
VCCB = 2.5 V ± 0.2 V
2.8
7.4
ns
VCCB = 3.3 V ± 0.3 V
2.6
6.6
VCCB = 5 V ± 0.5 V
1.8
5.6
Open-drain driving
VCCB = 2.5 V ± 0.2 V
34
149
VCCB = 3.3 V ± 0.3 V
28
121
VCCB = 5 V ± 0.5 V
24
89
trB
Input rise time
B-port
rise time
Push-pull driving
VCCB = 2.5 V ± 0.2 V
3.2
8.3
ns
VCCB = 3.3 V ± 0.3 V
2.9
7.2
VCCB = 5 V ± 0.5 V
2.4
6.1
Open-drain driving
VCCB = 2.5 V ± 0.2 V
35
151
VCCB = 3.3 V ± 0.3 V
24
112
VCCB = 5 V ± 0.5 V
12
64
tfA
Input fall time
A-port
fall time
Push-pull driving
VCCB = 2.5 V ± 0.2 V
1.9
5.7
ns
VCCB = 3.3 V ± 0.3 V
1.9
5.5
VCCB = 5 V ± 0.5 V
1.8
5.3
Open-drain driving
VCCB = 2.5 V ± 0.2 V
4.4
6.9
VCCB = 3.3 V ± 0.3 V
4.3
6.2
VCCB = 5 V ± 0.5 V
4.2
5.8
tfB
Input fall time
B-port
fall time
Push-pull driving
VCCB = 2.5 V ± 0.2 V
2.2
7.8
ns
VCCB = 3.3 V ± 0.3 V
2.4
6.7
VCCB = 5 V ± 0.5 V
2.6
6.6
Open-drain driving
VCCB = 2.5 V ± 0.2 V
5.1
8.8
VCCB = 3.3 V ± 0.3 V
5.4
9.4
VCCB = 5 V ± 0.5 V
5.4
10.4
tSK(O)
Skew (time), output
Channel-to-channel skew
VCCB = 2.5 V ± 0.2 V
1
ns
VCCB = 3.3 V ± 0.3 V
1
VCCB = 5 V ± 0.5 V
1
www.ti.com
TXS0104E
SCES651I – JUNE 2006 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TXS0104E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com