Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0104EZXUR Datasheet(PDF) 21 Page - Texas Instruments

Part # TXS0104EZXUR
Description  TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0104EZXUR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TXS0104EZXUR Datasheet HTML 17Page - Texas Instruments TXS0104EZXUR Datasheet HTML 18Page - Texas Instruments TXS0104EZXUR Datasheet HTML 19Page - Texas Instruments TXS0104EZXUR Datasheet HTML 20Page - Texas Instruments TXS0104EZXUR Datasheet HTML 21Page - Texas Instruments TXS0104EZXUR Datasheet HTML 22Page - Texas Instruments TXS0104EZXUR Datasheet HTML 23Page - Texas Instruments TXS0104EZXUR Datasheet HTML 24Page - Texas Instruments TXS0104EZXUR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
9.2.2 Detailed Design Procedure
To begin the design process, determine the following:
• Input voltage range
– Use the supply voltage of the device that is driving the TXS0104E device to determine the input voltage
range. For a valid logic high the value must exceed the VIH of the input port. For a valid logic low the value
must be less than the VIL of the input port.
• Output voltage range
– Use the supply voltage of the device that the TXS0104E device is driving to determine the output voltage
range.
– The TXS0104E device has 10-kΩ internal pullup resistors. External pullup resistors can be added to
reduce the total RC of a signal trace if necessary.
• An external pull down resistor decreases the output VOH and VOL. Use Equation 1 to calculate the VOH as a
result of an external pull down resistor.
VOH = VCCx × RPD / (RPD + 10 kΩ)
(1)
where
VCCx is the supply voltage on either VCCA or VCCB
RPD is the value of the external pull down resistor
9.2.3 Application Curve
2 V
5 V
100 ns/div
VCCA = 1.8 V
VCCB = 5 V
Figure 9-2. Level-Translation of a 2.5-MHz Signal
www.ti.com
TXS0104E
SCES651I – JUNE 2006 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TXS0104E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com