Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA12N60C Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGA12N60C
Description  HiPerFAST IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA12N60C Datasheet(HTML) 2 Page - IXYS Corporation

  IXGA12N60C Datasheet HTML 1Page - IXYS Corporation IXGA12N60C Datasheet HTML 2Page - IXYS Corporation IXGA12N60C Datasheet HTML 3Page - IXYS Corporation IXGA12N60C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXGA12N60C
IXGP12N60C
TO-263 AA Outline
1. Gate
2. Collector
3. Emitter
4. Collector
BottomSide
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
Pins:
1 - Gate
2 - Collector
3 - Emitter
4 - Collector
Bottom Side
TO-220 AB Dimensions
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C
= I
C90; VCE = 10 V,
7
11
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
860
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
64
pF
C
res
15
pF
Q
g
32
nC
Q
ge
I
C
= I
C90, VGE = 15 V, VCE = 0.5 VCES
10
nC
Q
gc
10
nC
t
d(on)
20
n s
t
ri
20
n s
t
d(off)
60
n s
t
fi
55
n s
E
off
0.09
mJ
t
d(on)
20
n s
t
ri
20
n s
E
on
0.15
mJ
t
d(off)
85
180
n s
t
fi
85
180
n s
E
off
0.27
0.60
mJ
R
thJC
1.25
K/W
R
thCK
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C
= I
C90, VGE = 15 V, L = 300 µH
V
CE = 0.8 VCES, RG = Roff = 18 Ω
Remarks: Switching
times may
increase for V
CE (Clamp) > 0.8 VCES,
higher T
J or increased RG
Min. Recommended Footprint
(Dimensions in inches and mm)
Inductive load, T
J = 125°
°°°°C
I
C
= I
C90, VGE = 15 V, L = 300 µH
V
CE = 0.8 VCES, RG = Roff = 18 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 VCES,
higher T
J or increased RG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com