Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA12N60C Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGA12N60C
Description  HiPerFAST IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA12N60C Datasheet(HTML) 3 Page - IXYS Corporation

  IXGA12N60C Datasheet HTML 1Page - IXYS Corporation IXGA12N60C Datasheet HTML 2Page - IXYS Corporation IXGA12N60C Datasheet HTML 3Page - IXYS Corporation IXGA12N60C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2002 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
Fig. 1. Saturation Voltage Characteristics
Fig. 4. Temperature Dependence of V
CE(sat)
Fig. 3. Saturation Voltage Characteristics
Fig. 6. Junction Capacitance Curves
Fig. 5. Saturation Voltage Characteristics
V
CE - Volts
02
468
10
0
10
20
30
40
50
V
CE-Volts
0
5
10
15
20
25
30
35
40
1
10
100
1000
T
J - Degrees C
25
50
75
100
125
150
0.50
0.75
1.00
1.25
1.50
1.75
V
CE - Volts
02468
10
0
10
20
30
40
50
V
GE - Volts
3
4
567
89
10
0
5
10
15
20
25
30
13V
11V
9V
7V
V
CE = 10V
V
GE = 15V
T
J = 25°C
V
GE = 15V
T
J = 25°C
I
C = 6A
I
C = 12A
I
C = 24A
T
J = 125°C
f = 1Mhz
5V
5V
V
GE = 15V
T
J = 25°C
T
J = 125°C
7V
9V
5V
9V
V
GE = 15V
Ciss
Coss
Crss
7V
11V
11V
13V
13V
V
CE - Volts
0
4
8
12
16
20
0
20
40
60
80
100
IXGA12N60C
IXGP12N60C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com