Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS3506D Datasheet(PDF) 9 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 9 Page - Micronas

Back Button MAS3506D Datasheet HTML 5Page - Micronas MAS3506D Datasheet HTML 6Page - Micronas MAS3506D Datasheet HTML 7Page - Micronas MAS3506D Datasheet HTML 8Page - Micronas MAS3506D Datasheet HTML 9Page - Micronas MAS3506D Datasheet HTML 10Page - Micronas MAS3506D Datasheet HTML 11Page - Micronas MAS3506D Datasheet HTML 12Page - Micronas MAS3506D Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
9
2.3. Clock Management
The complete StarMan chip set is driven by a single
crystal with a nominal frequency of 14.725 MHz.
The DRD 3515A contains the crystal oscillator and an
appropriate clock buffer to generate the clock signal
RClk. This RClk signal is used as reference clock for
the MAS 3506D by an internal clock synthesizer that
generates an internal system clock of 24.576 MHz.
This synchronized clock frequency is passed back to
the DRD 3515A for use in its embedded audio D/A
converter.
2.4. Power Supply Concept
The MAS 3506D offers an embedded controlled DC/
DC converter for battery based power supply con-
cepts. It works as an up-converter.
2.4.1. Internal Voltage Monitor
An internal voltage monitor compares the input voltage
at the VSENS pin with an internal reference value that
is adjustable via I2C bus. The PUP output pin should
be observed by the controller. It becomes inactive
when the voltage at the VSENS pin drops below the
programmed value of the reference voltage.
It is important that the WSEN must not be activated
before the PUP signal is generated. The PUP signal
thresholds are listed in Table 3–10 on page 20. The
internal voltage monitor will be activated with a high
level at Pin DCEN.
2.4.2. DC/DC Converter
The DC/DC converter of the MAS 3506D is used to
generate a fixed power supply voltage even if the chip
set is powered by battery cells in portable applications.
The DC/DC converter is designed for the application of
1 or 2 batteries or NiCd cells as shown in Fig. 2–5
which shows the standard application circuit. The DC/
DC converter is switched on by activating the DCEN
pin. Its output power is sufficient for supplying the com-
plete radio receiver.
Note: Connecting DCEN directly to VDD leads to
unexpected states of the DCCF register.
A 22
µH inductor is required for the application. The
important specification item is the inductor saturation
current rating, which should be greater than 2.5 times
the DC load current. The DC resistance of the inductor
is important for efficiency. The primary criterion for
selecting the output filter capacitor is low equivalent
series resistance (ESR), as the product of the inductor
current variation and the ESR determines the high-fre-
quency amplitude seen on the output voltage. The
Schottky diode should have a low voltage drop VD for
a high overall efficiency of the DC/DC converter. The
current rating of the diode should also be greater than
2.5 times the DC output current. The VSENS pin has
to be always connected to the output voltage.
2.4.3. Stand-by Functions
A high level at pin WSEN enables both, the DSP
including the I2C-block and the DC/DC-converter. If
the DSP-functions (audio decoding) are not needed,
the DC/DC-converter may remain active to supply
other parts of the radio. This mode is entered by set-
ting DCEN to “high” and WSEN to “low”. No I2C control
is possible in this mode.
2.4.4. Start-up Sequence
The DC/DC converter starts from a minimum input
voltage of 0.9 V. There should be no output load dur-
ing startup. WSEN must be “low”. The start-up script
should be as follows:
1. Start the DC/DC-converter with a high signal (VDD,
AVDD) at pin DCEN.
2. Wait until PUP goes “high”.
3. It is recommended to wait at least one millisecond to
guarantee that the output voltage has settled.
4. The controller may now enable the DSP with a
“high” signal at pin “WSEN”.
Please also refer to Figure 2–3.
Fig. 2–3: DC/DC operation
>0.9 V
WSEN > 2 V
DCEN
≥ 1
DSP
operation
µController
DC/DC
On
button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com