Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS3507D Datasheet(PDF) 5 Page - Micronas

Part # MAS3507D
Description  MPEG 1/2 Layer 2/3 Audio Decoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3507D Datasheet(HTML) 5 Page - Micronas

  MAS3507D Datasheet HTML 1Page - Micronas MAS3507D Datasheet HTML 2Page - Micronas MAS3507D Datasheet HTML 3Page - Micronas MAS3507D Datasheet HTML 4Page - Micronas MAS3507D Datasheet HTML 5Page - Micronas MAS3507D Datasheet HTML 6Page - Micronas MAS3507D Datasheet HTML 7Page - Micronas MAS3507D Datasheet HTML 8Page - Micronas MAS3507D Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
PRELIMINARY DATA SHEET
MAS 3507D
Micronas
5
MPEG 1/2 Layer 2/3 Audio Decoder
Release Note: Revision bars indicate significant
changes to the previous edition.
This data sheet applies to MAS 3507D version G10
and following versions.
1. Introduction
The MAS 3507D is a single-chip MPEG layer 2/3 audio
decoder for use in audio broadcast or memory-based
playback applications. Due to embedded memories,
the embedded DC/DC up-converter, and the very low
power consumption, the MAS 3507D is ideally suited
for portable electronics.
In MPEG 1 (ISO 11172-3), three hierarchical layers of
compression have been standardized. The most
sophisticated and complex, layer 3, allows compres-
sion rates of approximately 12:1 for mono and stereo
signals while still maintaining CD audio quality. Layer 2
(widely used in DVB, ADR, and DAB) achieves a com-
pression of 8:1 providing CD quality.
In order to achieve better audio quality at low bit rates
(<64 kbit/s per audio channel), three additional sam-
pling
frequencies
are
provided
by
MPEG 2
(ISO 13818-3). The MAS 3507D decodes both layer 2
and layer 3 bit streams as defined in MPEG 1 and 2.
The multichannel/multilingual capabilities defined by
MPEG 2 are not supported by the MAS 3507D. An
extension to the MPEG 2 layer 3 standard developed
by FhG Erlangen, Germany sometimes referenced as
MPEG 2.5, for extremely low bit rates at sampling fre-
quencies of 12, 11.025, or 8 kHz is also supported by
the MAS 3507D.
1.1. Features
– Serial asynchronous MPEG bit stream input (SDI)
– Parallel (PIO-DMA) Input
– Broadcast and multimedia operation mode
– Automatic locking to given data rate in broadcast
mode
– Data request triggered by ’demand signal’ in multi-
media mode
– Output audio data delivered (in various formats) via
an I2S bus (SDO)
– Digital volume / stereo channel mixer / Bass / Treble
– Output sampling clocks are generated and con-
trolled internally.
– Ancillary data provided via I2C interface
– Status information accessible via PIO pins or I2C
– “CRC Error” and “MPEG Frame Synchronization”
Indicators at Pins in serial input mode
– Power management for reduced power consumption
at lower sampling frequencies
– Low power dissipation (30 mW @ fs ≤ 12 kHz,
46 mW @ fs ≤ 24 kHz, 86 mW @ fs >24 kHz @
2.7 V)
– Supply voltage range: 1.0 V to 3.6 V due to built-in
DC/DC converter (1-cell/2-cell battery operation)
– Adjustable power supply supervision
– Power-off function
– Additional functionality achievable via download
software (CELP voice Decoder, ADPCM encoder /
decoder)
Fig. 1–1: MAS 3507D block diagram
CLKI
CLKO
decoded output
MPEG 1/2
audio bit stream
/3/
/2/
Clock
Synthesizer
Serial Out
I2S
Serial In
I2C
RISC DSP Core
MPEG frame sync
CRC error
PIO
DC/DC
Converter
/3/
/8+5/
/2/
serial control
MAS 3507D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com