Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS3509F Datasheet(PDF) 81 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 81 Page - Micronas

Back Button MAS3509F Datasheet HTML 77Page - Micronas MAS3509F Datasheet HTML 78Page - Micronas MAS3509F Datasheet HTML 79Page - Micronas MAS3509F Datasheet HTML 80Page - Micronas MAS3509F Datasheet HTML 81Page - Micronas MAS3509F Datasheet HTML 82Page - Micronas MAS3509F Datasheet HTML 83Page - Micronas MAS3509F Datasheet HTML 84Page - Micronas MAS3509F Datasheet HTML 85Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
81
4.6.3. Analog Characteristics
at T = TA, VSUPDn, VSUPx = 2.2 to 3.6 V, VSUPA = 2.2 to 3.6 V, fCRYSTAL = 13 to 20 MHz,
typical values at TA =25 °C and fCRYSTAL = 18.432 MHz in P(L/M)QFP package
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
Analog Supply
IAVDD
Current consumption analog
audio
AVDD0/1
5
mA
VSUPA = 2.2 V, Mute
IQOSC
Current consumption crystal
oscillator
AVDD0/1
200
µA
Codec = off
DSP = off
DC/DC = on
ISTANDBY
10
Codec = off
DSP = off
DC/DC = off
Crystal Oscillator
VDCCLK
DC voltage at oscillator pins
XTI, XTO
0.5
VSUPA
VACLK
Clock amplitude
0.5
VSUPA
−0.5
VPP
if crystal is used
CIN
Input capacitance
3
pF
ROUT
Output resistance
XTO
220
Ω
VSUPA =2.2 V
125
VSUPA =2.7 V
94
VSUPA =3.3 V
Analog Reference
VAGNDC
Analog Reference Voltage
AGNDC
V
RL >> 10 MΩ,
referred to VREF
VSUPA
bits[15], [14] in
register 6Ahex
1.1
>2.2 V
00
1.3
>2.4 V
01
1.6
>3.0 V
10
VMICBI
Bias voltage for microphone
MICBI
VSUPA
bits[15], [14] in
register 6Ahex
1.8
>2.2 V
00
2.13
>2.4 V
01
2.62
>3.0 V
10
RMICBI
Source resistance
MICBI
180
Ω
IMAX
Maximum current microphone
bias
MICBI
µAV
SUPA
bits[15], [14] in
register 6Ahex
300
>2.2 V
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com