Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS3509F Datasheet(PDF) 9 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 9 Page - Micronas

Back Button MAS3509F Datasheet HTML 5Page - Micronas MAS3509F Datasheet HTML 6Page - Micronas MAS3509F Datasheet HTML 7Page - Micronas MAS3509F Datasheet HTML 8Page - Micronas MAS3509F Datasheet HTML 9Page - Micronas MAS3509F Datasheet HTML 10Page - Micronas MAS3509F Datasheet HTML 11Page - Micronas MAS3509F Datasheet HTML 12Page - Micronas MAS3509F Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
9
2.3.1. RAM and Registers
The DSP core has access to two RAM banks denoted
D0 and D1. All RAM addresses can be accessed in a
20-bit or a 16-bit mode via I2C bus. For fast access of
internal DSP states the processor core has an address
space of 256 data registers which also can be
accessed via I2C bus. For more details, please refer to
Section 3.3. on page 27.
2.3.2. Firmware and Software
2.3.2.1. Internal Program ROM and Firmware,
MPEG-Decoding
The firmware implemented in the program ROM of the
MAS 35x9F provides MPEG 1/2 Layer 2, MPEG 1/2/
2.5 Layer 3 and MPEG 2 AAC-decoding as well as a
G.729 encoder and decoder.
The DSP operating system starts the firmware in the
“Application Selection Mode”. By setting the appropri-
ate bit in the Application Select memory cell (see
Table 3–8 on page 32), the MPEG audio decoder or
the G.729 Codec can be activated.
The MPEG decoder provides an automatic standard
detection mode. If all MPEG audio decoders are
selected, the Layer 2, Layer 3 or AAC bit stream is rec-
ognized and decoded automatically.
To add/remove MPEG layers while running in MPEG
decoding mode (e.g. Layer 2, Layer 3 (0x0c) to
Layer 2, Layer 3, AAC (0x1c)), the application selec-
tion has to be reset before writing the new value.
For general control purposes, the operation system
provides a set of I2C instructions that give access to
internal DSP registers and memory areas.
An auxiliary digital volume control and mixer matrix is
applied to the digital stereo audio data. This matrix is
capable of performing the balance control and a sim-
ple kind of stereo basewidth enhancement. All four
factors LL, LR, RL, and RR are adjustable, please
refer to Fig. 3–3 on page 44.
2.3.2.2. Program Download Feature
The standard functions of the MAS 35x9F can be
extended
or
substituted
by
downloading
up
to
4 kWords (1 Word = 20 bits) of program code and
additionally up to 4 kWords of coefficients into the
internal RAM.
Fig. 2–2: Encoder signal flow
Fig. 2–3: Decoder signal flow
OUT
A/D
Audio
Proc.
D/A
Encoder
MIX
PIO
SDI
LINE IN
MIC IN
OUT
A/D
Audio
Proc.
D/A
Decoder
MIX
SDO
S/PDIF
PIO
SDIB
LINE IN
DSP
Volume
Matrix
MIC IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com