Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC900-FS6 Datasheet(PDF) 2 Page - DFI Inc

Part # EC900-FS6
Description  Fanless Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC900-FS6 Datasheet(HTML) 2 Page - DFI Inc

  EC900-FS6 Datasheet HTML 1Page - DFI Inc EC900-FS6 Datasheet HTML 2Page - DFI Inc EC900-FS6 Datasheet HTML 3Page - DFI Inc EC900-FS6 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EC900-FS6
Specifications
SYSTEM
Processor
NXP i.MX6 Series Processor
NXP i.MX6 Cortex-A9 Dual Lite, 1.0GHz
Memory
1GB/2GB SDRAM Memory Down
Single Channel DDR3L 1600MHz
GRAPHICS
Display
1 x HDMI
HDMI: resolution up to 1920x1080 @ 60 Hz
Single Display
HDMI
STORAGE
4MB NOR Flash
8GB/16GB eMMC
EXPANSION
Interface
1 x Full-size Mini PCIe (PCIe/USB)
1 x micro SD
ETHERNET
Controller
1 x ATHEROS Ethernet Controller AR8033-AL1B (10/100/1000Mbps)
1 x Microchip USB to Ethernet Controller LAN7500-ABZJ (10/100/1000Mbps)
LED
Indicators
1 x Status LED
FRONT I/O
Ethernet
2 x GbE (RJ-45)
Serial
1 x RS-485 (2-pole terminal block)
USB
2 x USB 2.0 (type A)
Display
1 x HDMI
Buttons
1 x Power Reset Button
BOTTOM I/O
Serial
1 x RS-422 (2-pole terminal block)
DIO
1 x 4-bit DIO
TOP I/O
Wi-Fi Antenna
2 x Wi-Fi Module Antenna Hole
INTERNAL I/O
USB
1 x USB 2.0
1 x OTG USB
UART
1 x UART for Console Port
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
Wide Range 9~36V
Connector
2-Pole Terminal Block
OS SUPPORT
Yocto 1.8 beta, Kernel 3.14.52
MECHANISM
Construction
Sheet Metal
Mounting
DIN Rail Mount
Dimensions (W x H x D) 145mm x 34mm x 96.4mm
Weight
1.905kg
ENVIRONMENT
Operating Temperature -20 to 60°C
-40 to 70°C
Storage Temperature
-40 to 85°C
Relative Humidity
10 to 90% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G, 11ms
Non-Operating: 5G, 11ms
Vibration
Operating: Random 5~500Hz, IEC68-2-64 (3G)
Non-Operating: Sine 10~500Hz, IEC68-2-6 (3G)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com