Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC900-FS6 Datasheet(PDF) 1 Page - DFI Inc

Part # EC900-FS6
Description  Fanless Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC900-FS6 Datasheet(HTML) 1 Page - DFI Inc

  EC900-FS6 Datasheet HTML 1Page - DFI Inc EC900-FS6 Datasheet HTML 2Page - DFI Inc EC900-FS6 Datasheet HTML 3Page - DFI Inc EC900-FS6 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EC900-FS6
NXP i.MX6 Series
Fanless Embedded System
Features
• ARM-based Fanless Embedded System
• 1GB/2GB DDR3L memory onboard
• 8GB/16GB eMMC for storage
• Designed for IoT gateway solutions
• Rich I/O ports: 2 GbE, 2 COM, 2 USB 2.0, 1 USB OTG
NXP
Panel
Dimensions
145
Front View
Power
Reset
Status LED
COM
DIO, Power, Ground, COM
HDMI
LAN 1~2
USB 2.0
Right View
Left View
Bottom View
Front View
Top View
eMMC
Android
Wide Voltage
9V
36V
Bottom View
Wide
Temperature
-400C
700C
Yocto Linux


Similar Part No. - EC900-FS6

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC900-8MM DFI-EC900-8MM Datasheet
1Mb / 5P
NXP i.MX8M Mini Processor Ultra Small Size Embedded System
EC900-QCS DFI-EC900-QCS Datasheet
468Kb / 2P
Qualcomm® QCS6490 Ultra Small Size Embedded System
More results

Similar Description - EC900-FS6

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
UST500-517-FL AXIOMTEK-UST500-517-FL Datasheet
1Mb / 2P
Fanless Embedded System
logo
Contec Co., Ltd
BX-S959SD CONTEC-BX-S959SD Datasheet
364Kb / 2P
Embedded Fanless System
BX-S3000 CONTEC-BX-S3000 Datasheet
5Mb / 2P
Embedded Fanless System
BX-S3300 CONTEC-BX-S3300 Datasheet
8Mb / 2P
Embedded Fanless System
logo
DFI Inc
EB100-KU DFI-EB100-KU Datasheet
1Mb / 4P
Fanless Embedded System
EC70A-KU DFI-EC70A-KU Datasheet
1Mb / 4P
Fanless Embedded System
EC70B-SU DFI-EC70B-SU Datasheet
1Mb / 4P
Fanless Embedded System
EC700-AL DFI-EC700-AL Datasheet
1Mb / 5P
Fanless Embedded System
EC700-BT DFI-EC700-BT Datasheet
1Mb / 4P
Fanless Embedded System
EC700-BT6051 DFI-EC700-BT6051 Datasheet
1Mb / 4P
Fanless Embedded System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com