Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT110-UFD2 Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # UT110-UFD2
Description  USB flash drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

UT110-UFD2 Datasheet(HTML) 2 Page - Apacer Technology Inc.

  UT110-UFD2 Datasheet HTML 1Page - Apacer Technology Inc. UT110-UFD2 Datasheet HTML 2Page - Apacer Technology Inc. UT110-UFD2 Datasheet HTML 3Page - Apacer Technology Inc. UT110-UFD2 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT110-UFD2
Overview
‧ Adopts advanced LDPC ECC engine with 3D NAND flash memory to improve reliability
‧ Global Wear Leveling
‧ Flash bad-block management
‧ Page Mapping
‧ Power Failure Management
‧ S.M.A.R.T.
‧ Hyper Cache Technology
‧ SMART Read Refresh™
Apacer’s UT110-UFD2 utilizes 3D NAND for higher capacity up to 64 GB and
provides more power efficiency than 2D NAND, with the aim of replacing a
conventional IDE hard disk drive.
UT110-UFD2 is a new generation USB flash drive compatible with the latest USB
specification – USB 3.1 Gen1 (SuperSpeed), with a maximum transfer rate of 5.0
Gbps. The connector is backward compatible with USB 2.0 and USB 1.1 interfaces.
With compliance with USB 3.1 specification, this USB drive can deliver up to 255
MB/s outstanding performance.
UT110-UFD2 is built with the highest durability and ruggedness with a special
Chip-On-Board (COB) packaging technology, which allows your precious files to be
safely stored and protected against dust, water and shock at all times.
Reliability wise, UT110-UFD2 is implemented with LDPC (Low Density Parity Check)
ECC engine to extend SSD endurance and increase data reliability while reading
raw data inside a flash chip. In addition, the drive comes with various
implementations including powerful hardware ECC engine, Wear Leveling , flash
block management, S.M.A.R.T., Page Mapping, etc. This product is well suited for
portable flash storage applications while operating at minimal power consumption.
Feature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com