Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT110-UFD2 Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # UT110-UFD2
Description  USB flash drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

UT110-UFD2 Datasheet(HTML) 3 Page - Apacer Technology Inc.

  UT110-UFD2 Datasheet HTML 1Page - Apacer Technology Inc. UT110-UFD2 Datasheet HTML 2Page - Apacer Technology Inc. UT110-UFD2 Datasheet HTML 3Page - Apacer Technology Inc. UT110-UFD2 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
UT110-UFD2
Interface
USB 3.1 Gen1
Connector
USB Type A Plug
Form Factor
USB flash drive
NAND Flash Type
3D TLC
Capacity
32GB~64GB
External DRAM
No
Sustained Read Performance (MB/sec)
Up to 250
Sustained Write Performance (MB/sec)
Up to 100
ECC Engine
Low-Density Parity-Check (LDPC) Code
IOPS (4K Random Write)
600
Standard Operating Temperature ( °C )
0 ~ + 70
Storage Temperature ( °C )
-40 ~ 100
Housing
Yes
H/W Write Protect
No
Screw Hole
No
Cable-less Solution
No
Thermal sensor
No
Shock
Operation: 50G/11ms
(compliant with MIL-STD-202G)
Non-operation: 1500G/0.5ms
(compliant with MIL-STD-883K)
Vibration
Operation: 7.69 Grms, 20~2000 Hz/random
(compliant with MIL-STD-810G)
Non-operation: 4.02 Grms, 15~2000(Hz)/random
(compliant with MIL-STD-810G)
Operating Voltage
5.0 V ± 5%
Power Consumption
Active mode: 130 mA; Idle mode: 45 mA
Dimension (L x W x H )
23.10 mm x 14.25 mm x 6.90 mm
MTBF (hours)
>3,000,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com