Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXSM40N60 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSM40N60
Description  Low VCE(sat) IGBT, High Speed IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSM40N60 Datasheet(HTML) 2 Page - IXYS Corporation

  IXSM40N60 Datasheet HTML 1Page - IXYS Corporation IXSM40N60 Datasheet HTML 2Page - IXYS Corporation IXSM40N60 Datasheet HTML 3Page - IXYS Corporation IXSM40N60 Datasheet HTML 4Page - IXYS Corporation IXSM40N60 Datasheet HTML 5Page - IXYS Corporation IXSM40N60 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Semiconductor GmbH
Edisonstr. 15, D-68623 Lampertheim
Phone: +49-6206-503-0, Fax: +49-6206-503627
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: 408-982-0700, Fax: 408-496-0670
IXSH 40N60
IXSM 40N60
IXSH 40N60A
IXSM 40N60A
TO-247 AD Outline
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
16
23
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
I
C(on)
V
GE = 15 V, VCE = 10 V
200
A
C
ies
4500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
350
pF
C
res
90
pF
Q
g
190
260
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
45
60
nC
Q
gc
88
120
nC
t
d(on)
55
ns
t
ri
170
ns
t
d(off)
400
ns
t
fi
40N60
400
ns
40N60A
200
ns
E
off
40N60
5.0
mJ
40N60A
2.5
mJ
t
d(on)
55
ns
t
ri
170
ns
E
on
1.7
mJ
t
d(off)
40N60
1000
ns
40N60A
340
525
ns
t
fi
40N60
600
1500
ns
40N60A
340
700
ns
E
off
40N60
12
mJ
40N60A
6
mJ
R
thJC
0.42 K/W
R
thCK
0.25
K/W
TO-204AE Outline
1 = Gate
2 = Collector
3 = Emitter
Tab = Collector
1 = Gate
2 = Emitter
Case = Collector
Inductive load, T
J = 25°
°°°°C
I
C = IC90, VGE = 15 V, L = 100 µH
V
CE = 0.8 VCES, RG = 2.7 Ω
Switching times may
increase for V
CE (Clamp)
> 0.8 • V
CES, higher TJ or
increased R
G
Inductive load, T
J =
125
°°°°°C
I
C = IC90, VGE = 15 V,
L = 100
µH
V
CE = 0.8 VCES,
R
G = 2.7 Ω
Remarks: Switching times
may increase for
V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased R G
IXYS MOSFETs and IGBTs are covered by one of the following U.S.patents:
4,835,592 4,881,108 5,017,508 5,049,961 5,187,117 5,486,715
4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com