Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXSM40N60 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXSM40N60
Description  Low VCE(sat) IGBT, High Speed IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSM40N60 Datasheet(HTML) 3 Page - IXYS Corporation

  IXSM40N60 Datasheet HTML 1Page - IXYS Corporation IXSM40N60 Datasheet HTML 2Page - IXYS Corporation IXSM40N60 Datasheet HTML 3Page - IXYS Corporation IXSM40N60 Datasheet HTML 4Page - IXYS Corporation IXSM40N60 Datasheet HTML 5Page - IXYS Corporation IXSM40N60 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: 408-982-0700, Fax: 408-496-0670
IXYS Semiconductor GmbH
Edisonstr. 15, D-68623 Lampertheim
Phone: +49-6206-503-0, Fax: +49-6206-503627
© IXYS Corporation. All rights reserved.
IXSH 40N60
IXSM 40N60
IXSH 40N60A
IXSM 40N60A
T
J - Degrees C
-50
-25
0
25
50
75
100 125
150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
BV
CES
I
C = 3mA
V
GE - Volts
45678
9
10
11
12
13
0
10
20
30
40
50
60
70
80
T
J - Degrees C
-50
-25
0
25
50
75
100 125
150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
V
GE - Volts
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
V
CE - Volts
0246
8
10
12
14
16
18
20
0
20
40
60
80
100
120
140
160
180
200
7V
9V
11V
13V
V
CE - Volts
012
345
0
10
20
30
40
50
60
70
80
11V
7V
9V
13V
T
J = 25°C
V
GE = 15V
T
J = 25°C
V
GE = 15V
T
J = 25°C
I
C = 20A
I
C = 40A
I
C = 80A
I
C = 20A
I
C = 40A
I
C = 80A
V
GE=15 V
V
CE = 10V
T
J = 125°C
T
J = 25°C
T
J = - 40°C
V
GE8th)
I
C = 4mA
Fig. 3 Collector-Emitter Voltage
Fig. 4
Temperature Dependence
vs. Gate-Emitter Voltage
of Output Saturation Voltage
Fig. 5 Input Admittance
Fig. 6
Temperature Dependence of
Breakdown and
Threshold Voltage
Fig. 1 Saturation Characteristics
Fig. 2
Output Characterstics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com